Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 11Page - Analog Devices LTM8024 Datasheet HTML 12Page - Analog Devices LTM8024 Datasheet HTML 13Page - Analog Devices LTM8024 Datasheet HTML 14Page - Analog Devices LTM8024 Datasheet HTML 15Page - Analog Devices LTM8024 Datasheet HTML 16Page - Analog Devices LTM8024 Datasheet HTML 17Page - Analog Devices LTM8024 Datasheet HTML 18Page - Analog Devices LTM8024 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
15 of 43
Figure 15. Efficiency vs. Power Loss, VOUT = 5V, BIAS = 5V,
Burst Mode Operation
Figure 16. Efficiency vs. Power Loss, VOUT = 8V, BIAS = 5V,
Burst Mode Operation
Figure 17. Input vs. Load Current, VOUT = 0.8V, BIAS = 5V,
Burst Mode Operation
Figure 18. Input vs. Load Current, VOUT = 1V, BIAS = 5V,
Burst Mode Operation
Figure 19. Input vs. Load Current, VOUT = 1.2V, BIAS = 5V,
Burst Mode Operation
Figure 20. Input vs. Load Current, VOUT = 1.5V, BIAS = 5V,
Burst Mode Operation
EFFICIENCY
POWER LOSS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
0
1
2
3
4
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
0
1
2
3
4
12VIN
24VIN
36VIN
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.1
0.2
0.3
0.4
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.2
0.4
0.6
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.2
0.4
0.6
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.2
0.4
0.6
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com