Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 33 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 29Page - Analog Devices LTM8024 Datasheet HTML 30Page - Analog Devices LTM8024 Datasheet HTML 31Page - Analog Devices LTM8024 Datasheet HTML 32Page - Analog Devices LTM8024 Datasheet HTML 33Page - Analog Devices LTM8024 Datasheet HTML 34Page - Analog Devices LTM8024 Datasheet HTML 35Page - Analog Devices LTM8024 Datasheet HTML 36Page - Analog Devices LTM8024 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
33 of 43
1. θJA is the natural convection junction-to-ambient air thermal resistance measured in one cubic foot
sealed enclosure. This environment is sometimes referred to as “still air,” although natural convection
causes the air to move. This value is determined with the part mounted to a JESD519-defined test board,
which does not reflect an actual application or viable operating condition.
2. θJCbot is the junction-to-board thermal resistance with all the component power dissipation flowing
through the bottom of the package. In the typical µModule regulator, the bulk of the heat flows out the
bottom of the package, but there is always heat flow out into the ambient environment. As a result, this
thermal resistance value may be useful for comparing packages, but the test conditions do not generally
match the user’s application.
3. θJCtop is determined with nearly all the component power dissipation flowing through the top of the
package. As the electrical connections of the typical µModule regulator are on the bottom of the package,
it is rare for an application to operate such that most of the heat flows from the junction to the top of the
part. As in the case of θJCbot, this value may be useful for comparing packages, but the test conditions do
not generally match the user’s application.
Given these definitions, it should now be apparent that none of these thermal coefficients reflects an actual
physical operating condition of a µModule regulator. Thus, none of them can be individually used to accurately
predict the thermal performance of the product. Likewise, it would be inappropriate to attempt to use anyone
coefficient to correlate to the junction temperature vs. load graphs given in the product’s datasheet. The only
appropriate way to use the coefficients is when running a detailed thermal analysis, such as FEA, which considers
all the thermal resistances simultaneously.
A graphical approximation of these dominant thermal resistances is shown in Figure 68. Some thermal resistance
elements, such as heat flowing out the side of the package, are not defined by the JEDEC standard, and are not
shown. The blue resistances are contained within the µModule regulator, and the green is outside.
The die temperature of the LTM8060F must be lower than the maximum rating, so care should be taken in the
layout of the circuit to ensure good heat sinking of the LTM8060F. The bulk of the heat flow out of the LTM8060F is
through the bottom of the package and the pads into the PCB. Consequently, a poor PCB design can cause
excessive heating, resulting in impaired performance or reliability. See the PCB Layout section for a design
suggestion.
Figure 68. Graphical Representation of Thermal Coefficients, Including the JESD5112 Terms
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com