Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 24 Page - Analog Devices

Part # LTM8024
Description  Quad 40VIN, 3A Silent Switcher μModule Regulator with Package-Level EMI Shield
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM8024 Datasheet HTML 20Page - Analog Devices LTM8024 Datasheet HTML 21Page - Analog Devices LTM8024 Datasheet HTML 22Page - Analog Devices LTM8024 Datasheet HTML 23Page - Analog Devices LTM8024 Datasheet HTML 24Page - Analog Devices LTM8024 Datasheet HTML 25Page - Analog Devices LTM8024 Datasheet HTML 26Page - Analog Devices LTM8024 Datasheet HTML 27Page - Analog Devices LTM8024 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Data Sheet
LTM8060F
analog.com
Rev. 0
24 of 43
including Y5V, and Z5U have very large temperature and voltage coefficients of capacitance. In an application
circuit, they may have only a small fraction of their nominal capacitance, resulting in a much higher output voltage
ripple than expected. The ceramic capacitors are also piezoelectric. In Burst Mode operation, the LTM8060F’s
switching frequency depends on the load current, and can excite a ceramic capacitor at audio frequencies,
generating audible noise. Since the LTM8060F operates at a lower current limit during Burst Mode operation, the
noise is typically very quiet to a casual ear. If this audible noise is unacceptable, use a high-performance
electrolytic capacitor at the output. It may also be a paralleled combination of a ceramic capacitor and a low-cost
electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns the maximum input voltage rating of the LTM8060F. A
ceramic input capacitor combined with trace or cable inductance forms a high-Q (underdamped) tank circuit. If the
LTM8060F circuit is plugged into a live supply, the input voltage can ring to twice its nominal value, possibly
exceeding the device’s rating. This situation can be avoided easily; see the Hot-Plugging Safely section.
Table 6. Recommended Component Values and Configuration (TA = 25°C)
VIN 1
(V)
VOUT
(V)
RFB
(Ω)
CIN 2
(μF)
COUT
(μF)
BIAS
CFF
(pF)
fSW
(Hz)
RT
(kΩ)
MAX fSW
(Hz)
MIN RT
(kΩ)
3 to 40
0.8
Open
4.7 50V X5R 1206
2 × 100 4V X5R 0805
3.2 to 10
100
400k
100
600k
64.9
3 to 40
1
1M
4.7 50V X5R 1206
2 × 100 4V X5R 0805
3.2 to 10
100
400k
100
725k
52.3
3 to 40
1.2
499k
4.7 50V X5R 1206
2 × 100 4V X5R 0805
3.2 to 10
68
500k
76.8
875k
42.2
3.2 to 40
1.5
287k
4.7 50V X5R 1206
2 × 100 4V X5R 0805
3.2 to 10
–
600k
64.9
1M
35.7
3.5 to 40
1.8
200k
4.7 50V X5R 1206
1 × 100 4V X5R 0805
3.2 to 10
–
650k
59
1.3M
25.5
3.5 to 40
2
165k
4.7 50V X5R 1206
1 × 100 4V X5R 0805
3.2 to 10
–
700k
54.9
1.4M
23.2
4.2 to 40
2.5
118k
4.7 50V X5R 1206
1 × 47 4V X5R 0805
3.2 to 10
–
800k
46.4
1.7M
18.2
5.5 to 40
3.3
78.7k
4.7 50V X5R 1206
1 × 47 6.3V X5R 0805
3.2 to 10
–
1M
35.7
2.2M
12.7
8.5 to 40
5
47.5k
4.7 50V X5R 1206
1 × 47 6.3V X5R 1206
3.2 to 10
–
1.2M
27.4
3M
8.06
11 to 40
8
27.4k
4.7 50V X5R 1206
1 × 47 10V X5R 1206
3.2 to 10
–
1.6M
19.6
3M
8.06
1
The LTM8060F may be capable of the operating at lower input voltages but may skip switching cycles.
2
A bulk input capacitor is required.
Frequency Selection
The LTM8060F uses a constant frequency PWM architecture that can be programmed to switch from 200kHz to
3MHz by using a resistor connected from the RT pin to ground. Table 7 provides a list of RT resistor values and their
resultant frequencies. The resistors in Table 7 are standard 1% E96 values.
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT value given in Table 7 for the input and output operating
conditions. When using the LTM8060F with different output voltages, the higher frequency recommended by Table
7 will usually result in the best operation. System level or other considerations, however, may necessitate another
operating frequency. While the LTM8060F is flexible enough to accommodate a wide range of operating
frequencies, a haphazardly chosen one may result in undesirable operation under certain operating or fault
conditions. A frequency that is too high can reduce efficiency, generate excessive heat, or even damage the
LTM8060F if the output is overloaded or short-circuited. A frequency that is too low can result in a final design that
has too much output ripple or too large of an output capacitor.
Table 7. Switching Frequency vs. RT Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com