Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3081 Datasheet (PDF) - Solid State Inc

TD3081 Datasheet PDF - Solid State Inc
Part # TD3081
Download  TD3081 Download
File Size   450.54 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Isolation Voltage (5000VRMS)

TD3081 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD3081 Datasheet PDF - Solid State Inc

Part # TD3081
Download  TD3081 Click to download

File Size   450.54 Kbytes
Page   9 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High Isolation Voltage (5000VRMS)

TD3081 Datasheet (HTML) - Solid State Inc


TD3081 Product details

Features
 Zero-Volt Switching
 800V Blocking Voltage
 Trigger Current (15mA MAX)
 High Isolation Voltage (5000VRMS)
 High dV/dt (1kV/S MIN, 2kV/S TYP)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Motor / Drive Controls
 Solid State Relays
 Solenoid / Valve Control
 Temperature Control




Similar Part No. - TD3081

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3081 SSOUSA-TD3081 Datasheet
436Kb / 9P
Zero Volt Switching
More results


Similar Description - TD3081

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
High Isolation Voltage (3750VRMS)
STZ8042 SSOUSA-STZ8042 Datasheet
400Kb / 9P
High Isolation Voltage
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
High Isolation Voltage
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
High voltage 650V isolation
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com