Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP52N20 Datasheet (PDF) - ON Semiconductor

FDP52N20 Datasheet PDF - ON Semiconductor
Part # FDP52N20
Download  FDP52N20 Download
File Size   408.33 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N‐Channel UniFET MOSFET

FDP52N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP52N20 Datasheet PDF - ON Semiconductor

Part # FDP52N20
Download  FDP52N20 Click to download

File Size   408.33 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N‐Channel UniFET MOSFET

FDP52N20 Datasheet (HTML) - ON Semiconductor


FDP52N20 Product details

Description
UniFET MOSFET is ON Semiconductor’s high voltage MOSFET
family based on planar stripe and DMOS technology. This MOSFET
is tailored to reduce on−state resistance, and to provide better
switching performance and higher avalanche energy strength. This
device family is suitable for switching power converter applications
such as power factor correction (PFC), flat panel display (FPD) TV
power, ATX and electronic lamp ballasts.
Features
• RDS(on) = 41 m (Typ.) @ VGS = 10 V, ID = 26 A
• Low Gate Charge (Typ. 49 nC)
• Low CRSS (Typ. 66 pF)
• 100% Avalanche Tested
• These Devices are Pb−Free and are RoHS Compliant
Applications
• PDP TV
• Lighting
• Uninterruptible Power Supply
• AC−DC Power Supply




Similar Part No. - FDP52N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP52N20 FAIRCHILD-FDP52N20 Datasheet
739Kb / 10P
200V N-Channel MOSFET
FDP52N20 FAIRCHILD-FDP52N20 Datasheet
1Mb / 10P
N-Channel MOSFET 200V, 52A, 0.049廓
FDP52N20 FAIRCHILD-FDP52N20 Datasheet
298Kb / 14P
DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP52N20 ISC-FDP52N20 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - FDP52N20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
logo
Fairchild Semiconductor
FDD5N60NZTM FAIRCHILD-FDD5N60NZTM Datasheet
334Kb / 8P
N-Channel UniFET II MOSFET 600 V, 4.0 A, 2 Ohm
FDD7N25LZTM FAIRCHILD-FDD7N25LZTM Datasheet
329Kb / 8P
N-Channel UniFET MOSFET
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
N-Channel UniFET II MOSFET?
FDPF8N50NZT FAIRCHILD-FDPF8N50NZT Datasheet
379Kb / 10P
N-Channel UniFET II MOSFET
FDPF14N30T FAIRCHILD-FDPF14N30T Datasheet
393Kb / 8P
N-Channel UniFET MOSFET 300 V, 14 A, 290 m
logo
Kersemi Electronic Co.,...
KSM7N60NZ KERSEMI-KSM7N60NZ Datasheet
2Mb / 8P
N-Channel UniFET ll MOSFET 600 V, 6.5 A, 1.25
KSM12N60NZ KERSEMI-KSM12N60NZ Datasheet
2Mb / 7P
N-Channel UniFET ll MOSFET 600 V, 12 A, 650m
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
ON Semiconductor
FDT4N50NZU ONSEMI-FDT4N50NZU Datasheet
213Kb / 10P
MOSFET - Power, N-Channel, UniFET II, Ultra FRFET 500 V, 2 A, 3
February, 2021 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com