Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP52N20 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDP52N20
Description  N‐Channel UniFET MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDP52N20 Datasheet(HTML) 2 Page - ON Semiconductor

  FDP52N20 Datasheet HTML 1Page - ON Semiconductor FDP52N20 Datasheet HTML 2Page - ON Semiconductor FDP52N20 Datasheet HTML 3Page - ON Semiconductor FDP52N20 Datasheet HTML 4Page - ON Semiconductor FDP52N20 Datasheet HTML 5Page - ON Semiconductor FDP52N20 Datasheet HTML 6Page - ON Semiconductor FDP52N20 Datasheet HTML 7Page - ON Semiconductor FDP52N20 Datasheet HTML 8Page - ON Semiconductor FDP52N20 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP52N20
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, Unless otherwise specified)
Symbol
Parameter
Value
Unit
VDSS
Drain to Source Voltage
200
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
Continuous (TC = 25°C)
52
A
Continuous (TC = 100°C)
33
IDM
Drain Current
Pulsed (Note 1)
208
A
EAS
Single Pulsed Avalanche Energy (Note 2)
2520
mJ
IAR
Avalanche Current (Note 1)
52
A
EAR
Repetitive Avalanche Energy (Note 1)
35.7
mJ
dv/dt
Peak Diode Recovery dv/dt (Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
357
W
Derate Above 25°C
2.86
W/°C
TJ, TSTG
Operating and Storage Temperature Range
−55 to +150
°C
TL
Maximum Lead Temperature for Soldering, 1/8″ from Case for 5 s
300
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. L = 1.4 mH, IAS = 52 A, VDD = 50 V, RG = 25 W, starting TJ = 25°C.
3. ISD ≤ 52 A, di/dt ≤ 200 A/ms, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
RqJC
Thermal Resistance, Junction to Case, Max.
0.35
_C/W
RqJA
Thermal Resistance, Junction to Ambient, Max.
62.5
PACKAGE MARKING AND ORDERING INFORMATION
Part Number
Top Marking
Package
Packing Method
Reel Size
Tape Width
Quantity
FDP52N20
FDP52N20
TO−220
Tube
N/A
N/A
50 Units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com