Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4115 Datasheet (PDF) - Toshiba Semiconductor

K4115 Datasheet PDF - Toshiba Semiconductor
Part # K4115
Download  K4115 Download
File Size   151.49 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

K4115 Datasheet (PDF)

Go To PDF Page Download Datasheet
K4115 Datasheet PDF - Toshiba Semiconductor

Part # K4115
Download  K4115 Click to download

File Size   151.49 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Switching Regulator Applications

K4115 Datasheet (HTML) - Toshiba Semiconductor


K4115 Product details

Switching Regulator Applications

•  Low drain-source ON resistance: RDS (ON)= 1.6 Ω(typ.)

•  High forward transfer admittance: ⎪Yfs⎪= 5.0 S (typ.)

•  Low leakage current: IDSS= 100 μA (max) (VDS= 720 V)

•  Enhancement model: Vth= 2.0~4.0 V (VDS= 10 V, ID= 1 mA)






Similar Part No. - K4115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K4110 TOSHIBA-K4110 Datasheet
199Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
logo
List of Unclassifed Man...
K4110-PROPLUS ETC2-K4110-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
Toshiba Semiconductor
K4111 TOSHIBA-K4111 Datasheet
246Kb / 6P
Switching Regulator Applications
2008-08-22
More results


Similar Description - K4115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3309 TOSHIBA-2SK3309 Datasheet
234Kb / 6P
Switching Regulator Applications
TK09H90A TOSHIBA-TK09H90A Datasheet
239Kb / 6P
Switching Regulator Applications
logo
Sanyo Semicon Device
2SC5823 SANYO-2SC5823 Datasheet
39Kb / 4P
Switching Regulator Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
logo
KODENSHI_AUK CORP.
SMK0860P KODENSHI-SMK0860P Datasheet
426Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0460I-SPEC-SHEET KODENSHI-SMK0460I-SPEC-SHEET Datasheet
372Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0765F-1 KODENSHI-SMK0765F-1 Datasheet
439Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK830D-1 KODENSHI-SMK830D-1 Datasheet
508Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK0965FJ-1 KODENSHI-SMK0965FJ-1 Datasheet
419Kb / 8P
SWITCHING REGULATOR APPLICATIONS
SMK1060FJ-1 KODENSHI-SMK1060FJ-1 Datasheet
412Kb / 8P
SWITCHING REGULATOR APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com