Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1019996 Datasheet (PDF) - PHOENIX CONTACT

1019996 Datasheet PDF - PHOENIX CONTACT
Part # 1019996
Download  1019996 Download
File Size   321.37 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72C 03A - Miniature Circuit Breaker

1019996 Datasheet (PDF)

Go To PDF Page Download Datasheet
1019996 Datasheet PDF - PHOENIX CONTACT

Part # 1019996
Download  1019996 Click to download

File Size   321.37 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 72C 03A - Miniature Circuit Breaker

1019996 Datasheet (HTML) - PHOENIX CONTACT


1019996 Product details

thermal-magnetic Miniature Circuit Breaker, 2-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: C, mounting type: NS 35/..., rated current: 3 A




Similar Part No. - 1019996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019990 PHOENIX-1019990 Datasheet
318Kb / 8P
TMC 71C 50A - Miniature Circuit Breaker
1019992 PHOENIX-1019992 Datasheet
318Kb / 8P
TMC 71C 63A - Miniature Circuit Breaker
1019999 PHOENIX-1019999 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72C 06A
01/13/2022
More results


Similar Description - 1019996

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1019932 PHOENIX-1019932 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72B 03A
01/13/2022
1019999 PHOENIX-1019999 Datasheet
282Kb / 7P
Thermomagnetic device circuit breaker - TMC 72C 06A
01/13/2022
0902043 PHOENIX-0902043 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 03A
01.06.2012
0902069 PHOENIX-0902069 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 06A
05.10.2012
0902108 PHOENIX-0902108 Datasheet
59Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 20A
05.10.2012
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902195 PHOENIX-0902195 Datasheet
72Kb / 2P
TMC 62C 03A
Feb 8, 2011
0902263 PHOENIX-0902263 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 25A
04.10.2012
0902289 PHOENIX-0902289 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 40A
01.06.2012
0902357 PHOENIX-0902357 Datasheet
47Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 04A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com