Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1020032 Datasheet (PDF) - PHOENIX CONTACT

1020032 Datasheet PDF - PHOENIX CONTACT
Part # 1020032
Download  1020032 Download
File Size   321.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 40A - Miniature Circuit Breaker

1020032 Datasheet (PDF)

Go To PDF Page Download Datasheet
1020032 Datasheet PDF - PHOENIX CONTACT

Part # 1020032
Download  1020032 Click to download

File Size   321.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description TMC 73C 40A - Miniature Circuit Breaker

1020032 Datasheet (HTML) - PHOENIX CONTACT


1020032 Product details

thermal-magnetic Miniature Circuit Breaker, 3-position, use: Supplementary Protection
(UL 1077), for protection against overload up to a short-circuit current of 7.5 kA, tripping
characteristic: C, mounting type: NS 35/..., rated current: 40 A




Similar Part No. - 1020032

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
102003210045 ERNI-102003210045 Datasheet
63Kb / 1P
M 2,54 DRC-Q, 10-polig
102003210051 ERNI-102003210051 Datasheet
57Kb / 1P
M 2,54 SRC-A, 6-polig
102003210089 ERNI-102003210089 Datasheet
83Kb / 1P
Messerl. SMC-Q 20-SMD-BA8-13
More results


Similar Description - 1020032

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HOM140CP SCHNEIDER-HOM140CP Datasheet
125Kb / 2P
MINIATURE CIRCUIT BREAKER 120V 40A
Nov 22, 2019
HOM240 SCHNEIDER-HOM240 Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM240C SCHNEIDER-HOM240C Datasheet
129Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
Nov 22, 2019
HOM140 SCHNEIDER-HOM140 Datasheet
93Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
HOM140C SCHNEIDER-HOM140C Datasheet
57Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 40A
QOU340 SCHNEIDER-QOU340 Datasheet
115Kb / 2P
QOU Miniature Circuit Breaker, 40A, 3P, 240V, 10kA
Feb 21, 2020
QOUQ340 SCHNEIDER-QOUQ340 Datasheet
122Kb / 2P
QOUQ Miniature Circuit Breaker, 40A, 3P, 240V, 10kA
Feb 21, 2020
logo
PHOENIX CONTACT
0902137 PHOENIX-0902137 Datasheet
58Kb / 3P
Thermomagnetic device circuit breaker - TMC 61C 40A
04.10.2012
0902289 PHOENIX-0902289 Datasheet
48Kb / 3P
Thermomagnetic device circuit breaker - TMC 62C 40A
01.06.2012
0902438 PHOENIX-0902438 Datasheet
46Kb / 2P
Thermomagnetic device circuit breaker - TMC 63C 40A
01.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com