Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HX7208 Datasheet (PDF) - List of Unclassifed Manufacturers

HX7208 Datasheet PDF - List of Unclassifed Manufacturers
Part # HX7208
Download  HX7208 Download
File Size   599.92 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Efficiency 1.2MHz 2A Step Up Converter

HX7208 Datasheet (PDF)

Go To PDF Page Download Datasheet
HX7208 Datasheet PDF - List of Unclassifed Manufacturers

Part # HX7208
Download  HX7208 Click to download

File Size   599.92 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description High Efficiency 1.2MHz 2A Step Up Converter

HX7208 Datasheet (HTML) - List of Unclassifed Manufacturers


HX7208 Product details

FEATURES
• Integrated 80mΩ Power MOSFET
• 2V to 24V Input Voltage
• 1.2MHz Fixed Switching Frequency
• Internal 4A Switch Current Limit
• Adjustable Output Voltage
• Internal Compensation
• Up to 28V Output Voltage
• Automatic Pulse Frequency Modulation
Mode at Light Loads
• up to 96% Efficiency
• Available in a 6-Pin SOT23-6 Package

APPLICATIONS
• Battery-Powered Equipment
• Set-Top Boxed
• LCD Bais Supply
• DSL and Cable Modems and Routers
• Networking cards powered from PCI
or PCI express slots

GENERAL DESCRIPTION
The HX7208 is a constant frequency, 6-pin SOT23
current mode step-up converter intended for small,
low power applications. The HX7208 switches at
1.2MHz and allows the use of tiny, low cost
capacitors and inductors 2mm or less in height.
Internal soft-start results in small inrush current and
extends battery life.
The HX7208 features automatic shifting to pulse
frequency modulation mode at light loads. The
HX7208 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
HX7208 is available in a small 6-pin SOT-23
package.




Similar Part No. - HX7208

ManufacturerPart #DatasheetDescription
logo
Avia Semiconductor Co.,...
HX720 AVIA-HX720 Datasheet
51Kb / 1P
24-Bit ADC with On-chip 3.3V Output Regulator
More results


Similar Description - HX7208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE717C ACE-ACE717C Datasheet
743Kb / 8P
High Efficiency 1.2MHz 24V Step-up DC/DC Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
logo
List of Unclassifed Man...
SX1308 ETC1-SX1308 Datasheet
849Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter 85T
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
SX1308 SHOUDING-SX1308 Datasheet
1Mb / 6P
High Efficiency 1.2MHz 2A Step Up Regulator
logo
Shenzhen Huazhimei Semi...
HM1535 HMSEMI-HM1535 Datasheet
384Kb / 7P
High Efficiency 1.2MHz, 2A Step Up Regulator
HM1548B HMSEMI-HM1548B Datasheet
1Mb / 7P
High Efficiency 1.2MHz 2A Step Up Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com