Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6815S5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6815S5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6815S5
Download  TP6815S5 Download
File Size   2863.18 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.5A 1.5MHz Synchronous Buck Converter

TP6815S5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6815S5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6815S5
Download  TP6815S5 Click to download

File Size   2863.18 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 1.5A 1.5MHz Synchronous Buck Converter

TP6815S5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6815S5 Product details

Features

High Efficiency: Up to 96%

25V 10 6V Input Voltage Range

1.5MHz Constant Frequency Operation
No Schottky Diode Required

Low Dropout Operation: 100% Duty Cycle
PFM Mode for High Efficiency in Light Load
Over temperature Protected

Low Quiescent Current: 40pA

Short Circuit Protection

Inrush Current Limit and Soft Start
Available in SOT23-5




Similar Part No. - TP6815S5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP6815ND6 TECHPUBLIC-TP6815ND6 Datasheet
4Mb / 7P
High Efficiency 1.2MHz, 1.5A Synchronous Step Down Regulator
TP6815VS5 TECHPUBLIC-TP6815VS5 Datasheet
4Mb / 7P
High Efficiency 2MHz, 1.5A Synchronous Step Down Regulator
More results


Similar Description - TP6815S5

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
1.5MHz, 600mA Synchronous Buck Converter
logo
Anpec Electronics Corop...
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
1.5MHz, 1.5A Synchronous Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com