Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP6815VS5 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP6815VS5 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP6815VS5
Download  TP6815VS5 Download
File Size   4271.65 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 2MHz, 1.5A Synchronous Step Down Regulator

TP6815VS5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP6815VS5 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP6815VS5
Download  TP6815VS5 Click to download

File Size   4271.65 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description High Efficiency 2MHz, 1.5A Synchronous Step Down Regulator

TP6815VS5 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP6815VS5 Product details

Features

« Supply Voltage Range: 2.5V to 5.5V

+ Guaranteed 1.5 continuous load current

« 2% 06V reference

» Cycle-by-cycle peak current limitation

« PFM Mode for High Efficiency in Light Load

« 100% Duty Cycle in Dropout Operation

« Low RDS(ON) for internal switches
(top/bottom):250/200 mQ

Fixed 2MHz Switching Frequency

« Efficiency Up to 96%

» Short Circuit Protection

' Thermal shutdown, VOVP

« Inrush Current Limit and Soft Start

Slope Compensated Current Mode Control for
Excellent Line and Load Transient Response

» Low Quiescent Current: 60pA

© <1pA Shutdown Current

« RoHS and Halogen free compliance

» Compact package: SOT23-5




Similar Part No. - TP6815VS5

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP6815ND6 TECHPUBLIC-TP6815ND6 Datasheet
4Mb / 7P
High Efficiency 1.2MHz, 1.5A Synchronous Step Down Regulator
TP6815S5 TECHPUBLIC-TP6815S5 Datasheet
2Mb / 7P
1.5A 1.5MHz Synchronous Buck Converter
More results


Similar Description - TP6815VS5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015 RICHTEK-RT8015 Datasheet
296Kb / 15P
2A, 2MHz, Synchronous Step-Down Regulator
RT8072 RICHTEK-RT8072 Datasheet
292Kb / 16P
5A, 2MHz, High Efficiency Synchronous Step-Down Converter
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Semicoa Semiconductor
SC189ASK.TRT SEMICOA-SC189ASK.TRT Datasheet
1Mb / 24P
2.5MHz, 1.5A Synchronous Step Down Regulator
logo
Linear Technology
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
logo
Will Semiconductor Ltd.
WD1030 WILLSEMI-WD1030 Datasheet
938Kb / 9P
High Efficiency 5V, 1.5A continuous, 1.3MHz Synchronous Step-Down Regulator
logo
ACE Technology Co., LTD...
ACE735N ACE-ACE735N Datasheet
190Kb / 3P
High Efficiency, 1.5A 40V Input Synchronous Step-Down Regulator
VER 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com