Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0829955 Datasheet (PDF) - PHOENIX CONTACT

0829955 Datasheet PDF - PHOENIX CONTACT
Part # 0829955
Download  0829955 Download
File Size   243.37 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT3-TM 5 CUS - Marker for terminal blocks

0829955 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829955 Datasheet PDF - PHOENIX CONTACT

Part # 0829955
Download  0829955 Click to download

File Size   243.37 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT3-TM 5 CUS - Marker for terminal blocks

0829955 Datasheet (HTML) - PHOENIX CONTACT


0829955 Product details

Marker for terminal blocks, can be ordered: by sheet, white, labeled according to customer
specifications, mounting type: snap into tall marker groove, for terminal block width: 5.2 mm,
Number of individual labels: 72, text field height: 7.4 mm, text field width: 4 mm




Similar Part No. - 0829955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829950 PHOENIX-0829950 Datasheet
55Kb / 3P
Marker for terminal blocks - US2-TM 100 CUS
0829951 PHOENIX-0829951 Datasheet
191Kb / 6P
UCT-WMS 3,2 (12X4) CUS - Wire marking tag
0829952 PHOENIX-0829952 Datasheet
193Kb / 6P
UCT-WMS 3,2 (12X4) YE CUS - Wire marking tag
0829953 PHOENIX-0829953 Datasheet
192Kb / 6P
UCT-WMS 4,7 (12X5,5) CUS - Wire marking tag
0829954 PHOENIX-0829954 Datasheet
195Kb / 6P
UCT-WMS 4,7 (12X5,5) YE CUS - Wire marking tag
More results


Similar Description - 0829955

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824507 PHOENIX-0824507 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 5 CUS
0824509 PHOENIX-0824509 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 6 CUS
0824511 PHOENIX-0824511 Datasheet
53Kb / 3P
Marker for terminal blocks - UC1-TM 8 CUS
0824584 PHOENIX-0824584 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 OG CUS
0824585 PHOENIX-0824585 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 RD CUS
0824586 PHOENIX-0824586 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 5 VT CUS
0824589 PHOENIX-0824589 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 CUS
0829250 PHOENIX-0829250 Datasheet
57Kb / 4P
Marker for terminal blocks - UCT2-TM 5/6 CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829950 PHOENIX-0829950 Datasheet
55Kb / 3P
Marker for terminal blocks - US2-TM 100 CUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com