Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0829954 Datasheet (PDF) - PHOENIX CONTACT

0829954 Datasheet PDF - PHOENIX CONTACT
Part # 0829954
Download  0829954 Download
File Size   195.3 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMS 4,7 (12X5,5) YE CUS - Wire marking tag

0829954 Datasheet (PDF)

Go To PDF Page Download Datasheet
0829954 Datasheet PDF - PHOENIX CONTACT

Part # 0829954
Download  0829954 Click to download

File Size   195.3 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UCT-WMS 4,7 (12X5,5) YE CUS - Wire marking tag

0829954 Datasheet (HTML) - PHOENIX CONTACT


0829954 Product details

Wire marking tag, Sheet, can be ordered: by sheet, yellow, labeled according to customer
specifications, cable diameter range: 2.5 ... 4.7 mm, mounting type: slide-on, for terminal block
width: 5.2 mm, Number of individual labels: 45, text field height: 5.5 mm, text field width: 12 mm




Similar Part No. - 0829954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0829950 PHOENIX-0829950 Datasheet
55Kb / 3P
Marker for terminal blocks - US2-TM 100 CUS
0829951 PHOENIX-0829951 Datasheet
191Kb / 6P
UCT-WMS 3,2 (12X4) CUS - Wire marking tag
0829952 PHOENIX-0829952 Datasheet
193Kb / 6P
UCT-WMS 3,2 (12X4) YE CUS - Wire marking tag
0829953 PHOENIX-0829953 Datasheet
192Kb / 6P
UCT-WMS 4,7 (12X5,5) CUS - Wire marking tag
0829955 PHOENIX-0829955 Datasheet
243Kb / 7P
UCT3-TM 5 CUS - Marker for terminal blocks
More results


Similar Description - 0829954

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824348 PHOENIX-0824348 Datasheet
57Kb / 4P
Label - EML (15X6) R YE CUS
0824627 PHOENIX-0824627 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 16 YE CUS
0824940 PHOENIX-0824940 Datasheet
57Kb / 2P
Zack marker strip - ZB 10/YE CUS
0824976 PHOENIX-0824976 Datasheet
56Kb / 2P
Zack marker strip - ZB 5/YE CUS
0829581 PHOENIX-0829581 Datasheet
55Kb / 3P
Marker for terminal blocks - UCT-TM 3,5 CUS
0829644 PHOENIX-0829644 Datasheet
55Kb / 4P
Marker for terminal blocks - UCT-TMF 3,5 CUS
1014087 PHOENIX-1014087 Datasheet
56Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE
09/11/2020
1014093 PHOENIX-1014093 Datasheet
57Kb / 3P
Cable marker - UCT-WMTBA (40X17) YE CUS
09/11/2020
1014124 PHOENIX-1014124 Datasheet
57Kb / 3P
Snap-in markers - UCT-EMP (40X17) CUS
09/11/2020
0832100 PHOENIX-0832100 Datasheet
59Kb / 4P
Conductor marking - UCT-WMCO 1,9 (23X4)
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com