Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-2015A-TR Datasheet (PDF) - Super Micro Computer, Inc.

AS-2015A-TR Datasheet PDF - Super Micro Computer, Inc.
Part # AS-2015A-TR
Download  AS-2015A-TR Download
File Size   599.84 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Mainstream A Server AS -2015A-TR

AS-2015A-TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-2015A-TR Datasheet PDF - Super Micro Computer, Inc.

Part # AS-2015A-TR
Download  AS-2015A-TR Click to download

File Size   599.84 Kbytes
Page   2 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Mainstream A Server AS -2015A-TR

AS-2015A-TR Datasheet (HTML) - Super Micro Computer, Inc.


AS-2015A-TR Product details

Key Applications
Designed for financial companies, AMD Xilinx Solarflare X2 and X3 Ethernet
adapters validated,
Key Features
AMD EPYC™ 4004 or Ryzen™ 7000 / 9000 series LGA1718 up to 170W TDP
Processors;
4 DDR5-5200 UDIMM ECC/Non-ECC slots supporting up to 192GB memory;
2 PCIe 5.0 x16 HHHL slots (16/NA or 8/8);
IPMI 2.0 + KVM with Dedicated LAN (1GbE)
Dual 1GbE LAN (Intel® I210-AT);
800W High-Efficiency Power Supply Titanium Level Certified;




Similar Part No. - AS-2015A-TR

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-2015CS-TNR SUPERMICRO-AS-2015CS-TNR Datasheet
535Kb / 3P
CloudDC A Server AS -2015CS-TNR
AS-2015HS-TNR SUPERMICRO-AS-2015HS-TNR Datasheet
573Kb / 3P
Hyper A Server AS -2015HS-TNR
AS-2015SV-WTNRT SUPERMICRO-AS-2015SV-WTNRT Datasheet
543Kb / 2P
WIO A Server AS -2015SV-WTNRT
More results


Similar Description - AS-2015A-TR

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
Mainstream Backplanes
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
MR-350 ETC2-MR-350 Datasheet
249Kb / 2P
High End Security in a Mainstream System
S7010 ETC2-S7010 Datasheet
1,009Kb / 2P
Mainstream dual-socket server
S7070 ETC2-S7070 Datasheet
810Kb / 2P
Dual-socket server/workstation implementation for mainstream applications
S8230 ETC2-S8230 Datasheet
683Kb / 2P
Mainstream dual-socket server platform for enterprise applications
logo
Kingbright Corporation
AA2214VRBXS-A-TR-AMT KINGBRIGHT-AA2214VRBXS-A-TR-AMT Datasheet
319Kb / 6P
AA2214VRBXS/A-TR-AMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com