Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS-2015HS-TNR Datasheet (PDF) - Super Micro Computer, Inc.

AS-2015HS-TNR Datasheet PDF - Super Micro Computer, Inc.
Part # AS-2015HS-TNR
Download  AS-2015HS-TNR Download
File Size   573.48 Kbytes
Page   3 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Hyper A Server AS -2015HS-TNR

AS-2015HS-TNR Datasheet (PDF)

Go To PDF Page Download Datasheet
AS-2015HS-TNR Datasheet PDF - Super Micro Computer, Inc.

Part # AS-2015HS-TNR
Download  AS-2015HS-TNR Click to download

File Size   573.48 Kbytes
Page   3 Pages
Manufacturer  SUPERMICRO [Super Micro Computer, Inc.]
Direct Link  https://www.supermicro.com/en
Logo SUPERMICRO - Super Micro Computer, Inc.
Description Hyper A Server AS -2015HS-TNR

AS-2015HS-TNR Datasheet (HTML) - Super Micro Computer, Inc.


AS-2015HS-TNR Product details

Key Applications
Virtualization, Software-defined Storage, AI Inference and Machine Learning,
Cloud Computing, Enterprise Server,
Key Features
Single AMD EPYC™ 9004/9005* Series Processor
(*AMD EPYC™ 9005 series drop-in support requires board revision 2.x);
Support up to DDR5 24 DIMM slots (2DPC)
(Please check System Memory Section for detail);
Optional PCIe slot configurations up to 8 PCIe 5.0 x8 or 4 PCIe 5.0 x16 slots
or mix and match
Flexible networking options with 1 AIOM networking slot (OCP NIC 3.0
compatible);
12 Hot-swap 3.5"/2.5" NVMe/SATA/SAS drive bays
2 M.2 PCIe 3.0 NVMe slots;
Support up to 4 GPUs;
Dual 1200W Redundant Titanium Level power supplies
(Power supply full redundancy based on configuration and application
load);




Similar Part No. - AS-2015HS-TNR

ManufacturerPart #DatasheetDescription
logo
Super Micro Computer, I...
AS-2015A-TR SUPERMICRO-AS-2015A-TR Datasheet
599Kb / 2P
Mainstream A Server AS -2015A-TR
AS-2015CS-TNR SUPERMICRO-AS-2015CS-TNR Datasheet
535Kb / 3P
CloudDC A Server AS -2015CS-TNR
AS-2015SV-WTNRT SUPERMICRO-AS-2015SV-WTNRT Datasheet
543Kb / 2P
WIO A Server AS -2015SV-WTNRT
More results


Similar Description - AS-2015HS-TNR

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTP-3362JD LITEON-LTP-3362JD Datasheet
191Kb / 5P
This Device uses AS-AIInGaP Hyper RED LED chips
logo
List of Unclassifed Man...
TNRC ETC1-TNRC Datasheet
31Kb / 3P
TNR C SERIES
logo
Samtec, Inc
ASP-151798-02-06.0 SAMTEC-ASP-151798-02-06.0 Datasheet
259Kb / 2P
STANDARD PART SET UP AS ASP FOR HYPER TRANSPORT STANDARD.
ASP-151798-03-06.5 SAMTEC-ASP-151798-03-06.5 Datasheet
252Kb / 2P
1. STANDARD PART SET UP AS ASP FOR HYPER TRANSPORT STANDARD
logo
Omron Electronics LLC
TL-M2ME1 OMRON-TL-M2ME1 Datasheet
178Kb / 4P
As Easy To Install as a Microswitch
TLM2ME2 OMRON-TLM2ME2 Datasheet
281Kb / 5P
As Easy To Install as a Microswitch
logo
List of Unclassifed Man...
SE-SERIES ETC1-SE-SERIES Datasheet
146Kb / 5P
METAL OXIDE VARISTORS TNR
logo
Advantech Co., Ltd.
SKY-9232D3 ADVANTECH-SKY-9232D3 Datasheet
1Mb / 2P
2U 4Node Rackmount Server for Hyper-converged Infrastructure and Storage
21-Apr-2021
SKY-9234S3 ADVANTECH-SKY-9234S3 Datasheet
345Kb / 2P
2U4N Rackmount Server, Designed for Hyper-converged and Storage Application
17-Jan-2023
SKY-9240 ADVANTECH-SKY-9240 Datasheet
1Mb / 3P
2U4N Rackmount Server, Designed for Hyper-converged and HPC Application
10-Feb-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com