Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA6561 Datasheet (PDF) - Microchip Technology

ATA6561 Datasheet PDF - Microchip Technology
Part # ATA6561
Download  ATA6561 Download
File Size   991.38 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed CAN Transceiver with Standby Mode CAN FD Ready

ATA6561 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATA6561 Datasheet PDF - Microchip Technology

Part # ATA6561
Download  ATA6561 Click to download

File Size   991.38 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed CAN Transceiver with Standby Mode CAN FD Ready

ATA6561 Datasheet (HTML) - Microchip Technology


ATA6561 Product details

Features
• Fully ISO 11898-2, ISO 11898-5, and SAE J2284
Compliant
• CAN FD Ready
• Communication Speed up to 5 Mbps
• Low Electromagnetic Emission (EME) and High
Electromagnetic Immunity (EMI)
• Differential Receiver with Wide Common-Mode
Range
• ATA6560: Silent Mode (Receive Only)
• Remote Wake-Up Capability via CAN Bus
• Functional Behavior Predictable under All Supply
Conditions
• Transceiver Disengages from the Bus when Not
Powered Up
• RXD Recessive Clamping Detection
• High Electrostatic Discharge (ESD) Handling
Capability on the Bus Pins
• Bus Pins Protected Against Transients in
Automotive Environments
• Transmit Data (TXD) Dominant Time-Out
Function
• Undervoltage Detection on VCC and VIO Pins
• CANH/CANL Short-Circuit and Overtemperature
Protected
• Qualified According to AEC-Q100: Only
ATA6560-GAQW, ATA6560-GBQW,
ATA6561-GAQW, and ATA6561-GBQW
• Packages: SOIC8, VDFN8 with Wettable Flanks
(Moisture Sensitivity Level 1)




Similar Part No. - ATA6561

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6561 ATMEL-ATA6561 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
More results


Similar Description - ATA6561

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1042 NXP-TJA1042 Datasheet
122Kb / 20P
High-speed CAN transceiver with Standby mode
Rev. 02-8 July 2009
TJA1042T PHILIPS-TJA1042T Datasheet
149Kb / 22P
High-speed CAN transceiver with Standby mode
Rev. 7-8 May 2012
logo
ATMEL Corporation
ATA6560 ATMEL-ATA6560_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6561 ATMEL-ATA6561_14 Datasheet
939Kb / 17P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
ATA6560 ATMEL-ATA6560 Datasheet
890Kb / 19P
High-speed CAN Transceiver with Standby Mode CAN FD Ready
logo
NXP Semiconductors
TJA1044 NXP-TJA1044 Datasheet
237Kb / 27P
High-speed CAN transceiver with Standby mode
Rev. 6-24 August 2017
TJR1442 NXP-TJR1442 Datasheet
358Kb / 30P
High-speed CAN transceiver with Standby mode
TJA1442 NXP-TJA1442 Datasheet
356Kb / 30P
High-speed CAN transceiver with Standby mode
Rev. 1-12 August 2020
logo
Microchip Technology
ATA6564 MICROCHIP-ATA6564 Datasheet
1Mb / 28P
High-Speed CAN Transceiver with Silent Mode - CAN FD Ready
09/14/21
logo
NXP Semiconductors
TJA1462 NXP-TJA1462 Datasheet
439Kb / 36P
CAN FD signal improvement transceiver with Standby mode
Rev. 2-15 October 2021
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com