Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC16245 Datasheet (PDF) - Texas Instruments

74AC16245 Datasheet PDF - Texas Instruments
Part # 74AC16245
Download  74AC16245 Download
File Size   231.62 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74AC16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC16245 Datasheet PDF - Texas Instruments

Part # 74AC16245
Download  74AC16245 Click to download

File Size   231.62 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74AC16245 Datasheet (HTML) - Texas Instruments


74AC16245 Product details

Members of the Texas Instruments
Widebus Family
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture Optimizes PCB
Layout
Distributed VCC and GND Configuration
Minimizes High-Speed Switching Noise
EPIC  (Enhanced-Performance Implanted
CMOS) 1-m Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic Thin
Shrink Small-Outline (DGG) Package,
300-mil Shrink Small-Outline (DL) Package
Using 25-mil Center-to-Center Pin Spacings
and 380-mil Fine-Pitch Ceramic Flat (WD)
Package Using 25-mil Center-to-Center Pin
Spacings

description
The ’AC16245 are 16-bit bus transceivers
organized as dual-octal noninverting 3-state
transceivers designed for asynchronous two-way
communication between data buses. The control
function implementation minimizes external timing
requirements
These devices allow data transmission from the A
bus to the B bus or from the B bus to the A bus,
depending upon the logic level at the direction
control (DIR) input. The output-enable input (OE)
can be used to disable the devices so that the
buses are effectively isolated.
The 74AC16245 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16245 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74AC16245 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74AC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC16245 TI-74AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
STMicroelectronics
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
logo
Texas Instruments
74AC16245 TI-74AC16245 Datasheet
294Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16245DGG TI-74AC16245DGG Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16245DL TI-74AC16245DL Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Similar Description - 74AC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com