Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC16245 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
74AC16245 Datasheet PDF - Texas Instruments
Part # 74AC16245
Download  74AC16245 Download
File Size   118.84 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74AC16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC16245 Datasheet PDF - Texas Instruments

Part # 74AC16245
Download  74AC16245 Click to download

File Size   118.84 Kbytes
Page   6 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS

74AC16245 Datasheet (HTML) - Texas Instruments


74AC16245 Product details

Members of the Texas Instruments
Widebus Family
3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
Flow-Through Architecture Optimizes PCB
Layout
Distributed VCC and GND Configuration
Minimizes High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-um Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic Thin
Shrink Small-Outline (DGG) Package,
300-mil Shrink Small-Outline (DL) Package
Using 25-mil Center-to-Center Pin Spacings
and 380-mil Fine-Pitch Ceramic Flat (WD)
Package Using 25-mil Center-to-Center Pin
Spacings
description
The ’AC16245 are 16-bit bus transceivers
organized as dual-octal noninverting 3-state
transceivers designed for asynchronous two-way
communication between data buses. The control
function implementation minimizes external timing requirements
These devices allow data transmission from the A
bus to the B bus or from the B bus to the A bus,
depending upon the logic level at the direction
control (DIR) input. The output-enable input (OE)
can be used to disable the devices so that the
buses are effectively isolated.
The 74AC16245 is packaged in TI’s shrink small-outline package, which provides twice the I/O pin count and
functionality of standard small-outline packages in the same printed-circuit-board area.
The 54AC16245 is characterized for operation over the full military temperature range of –55°C to 125°C. The
74AC16245 is characterized for operation from –40°C to 85°C.




Similar Part No. - 74AC16245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Jul-2003
logo
Texas Instruments
74AC16245 TI-74AC16245 Datasheet
294Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16245 TI2-74AC16245 Datasheet
231Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74AC16245DL TI-74AC16245DL Datasheet
294Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74AC16245DL TI2-74AC16245DL Datasheet
231Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
More results


Similar Description - 74AC16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245 Datasheet
203Kb / 12P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH16245 TI-SN54ABTH16245_08 Datasheet
386Kb / 15P
16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
16-bit Bus Transceivers with 3-state Outputs
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com