Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1201U Datasheet (PDF) - Texas Instruments

ADS1201U Datasheet PDF - Texas Instruments
Part # ADS1201U
Download  ADS1201U Download
File Size   238.86 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Dynamic Range DELTA-SIGMA MODULATOR

ADS1201U Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1201U Datasheet PDF - Texas Instruments

Part # ADS1201U
Download  ADS1201U Click to download

File Size   238.86 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High Dynamic Range DELTA-SIGMA MODULATOR

ADS1201U Datasheet (HTML) - Texas Instruments


ADS1201U Product details

FEATURES
130dB DYNAMIC RANGE
FULLY DIFFERENTIAL INPUT
TWO-WIRE INTERFACE
INTERNAL/EXTERNAL REFERENCE
ON-CHIP SWITCHES FOR CALIBRATION

APPLICATIONS
INDUSTRIAL PROCESS CONTROL
INSTRUMENTATION
SMART TRANSMITTERS
PORTABLE INSTRUMENTS
WEIGH SCALES
PRESSURE TRANSDUCERS

DESCRIPTION
The ADS1201 is a precision, 130dB dynamic range,
delta-sigma (DS) modulator operating from a single
+5V supply. The differential inputs are ideal for direct
connection to transducers or low level signals. With
the appropriate digital filter and modulator rate, the
device can be used to achieve 24-bit analog-to-digital
(A/D) conversion with no missing codes. Effective
resolution of 20 bits can be maintained with a digital
filter bandwidth of 1kHz at a modulator rate of 320kHz.
The ADS1201 is designed for use in high resolution
measurement applications including smart transmitters,
industrial process control, weigh scales, chromatography,
and portable instrumentation. It is available
in a 16-lead SOIC package.




Similar Part No. - ADS1201U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1201U BURR-BROWN-ADS1201U Datasheet
143Kb / 13P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201U TI1-ADS1201U Datasheet
332Kb / 17P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Burr-Brown (TI)
ADS1201U/1K BURR-BROWN-ADS1201U/1K Datasheet
143Kb / 13P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Texas Instruments
ADS1201U/1K TI1-ADS1201U/1K Datasheet
332Kb / 17P
High Dynamic Range DELTA-SIGMA MODULATOR
ADS1201U/1KG4 TI1-ADS1201U/1KG4 Datasheet
332Kb / 17P
High Dynamic Range DELTA-SIGMA MODULATOR
More results


Similar Description - ADS1201U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1201 BURR-BROWN-ADS1201 Datasheet
143Kb / 13P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
logo
Texas Instruments
ADS1201 TI1-ADS1201 Datasheet
332Kb / 17P
High Dynamic Range DELTA-SIGMA MODULATOR
logo
Analog Devices
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
AD7720 AD-AD7720_17 Datasheet
270Kb / 17P
CMOS Sigma-Delta Modulator
Rev. 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com