Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL6331ACCZA Datasheet (PDF) - Analog Devices

ADL6331ACCZA Datasheet PDF - Analog Devices
Part # ADL6331ACCZA
Download  ADL6331ACCZA Download
File Size   2683.66 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.38 GHz to 15 GHz TxVGA

ADL6331ACCZA Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL6331ACCZA Datasheet PDF - Analog Devices

Part # ADL6331ACCZA
Download  ADL6331ACCZA Click to download

File Size   2683.66 Kbytes
Page   54 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 0.38 GHz to 15 GHz TxVGA

ADL6331ACCZA Datasheet (HTML) - Analog Devices


ADL6331ACCZA Product details

FEATURES
► Broadband TxVGA interfacing RF-DAC to beamformer and PA
► Operating frequency range: 0.38 GHz to 15 GHz, two product
variants
► ADL6331-A: 0.38 GHz to 8.0 GHz
► ADL6331-B: 1.0 GHz to 15.0 GHz
► Optimizes common-mode rejection of RF-DAC, even-order harmonics,
and intermodulation
► 50 Ω differential inputs and 50 Ω single-ended output
► Integrated broadband RF output balun
► 70 dB of gain control range in 1.0 dB step
► RF DSA range: 24.0 dB with 1.0 dB step
► Amplifier bypass loss of 12 dB each
► Asynchronous toggle between multiple predefined attenuation
values and bypass amplifier stages
► Power gain at 4 GHz: 15.5 dB (ADL6331-A), 15.8 dB (ADL6331-
B)
► Noise figure at 4 GHz: 7.5 dB (ADL6331-A), 8.1 dB (ADL6331-B)
► OIP3 at 4 GHz: 32.8 dBm (ADL6331-A), 31.8 dBm (ADL6331-B)
► OIP2 at 4 GHz: 59.7 dBm (ADL6331-A), 56.2 dBm (ADL6331-B)
► OP1dB at 4 GHz: 12.2 dBm (ADL6331-A), 12.3 dBm (ADL6331-
B)
► Fully programmable through a 3- or 4-wire SPI
► Single 3.3 V supply
► 24-terminal, 4.0 mm × 4.0 mm land grid array (LGA)

APPLICATIONS
► Aerospace and defense
► Instrumentation and test equipment
► Communication systems




Similar Part No. - ADL6331ACCZA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6332 AD-ADL6332 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZA AD-ADL6332ACCZA Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZA-R7 AD-ADL6332ACCZA-R7 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZB AD-ADL6332ACCZB Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
ADL6332ACCZB-R7 AD-ADL6332ACCZB-R7 Datasheet
2Mb / 55P
0.38 GHz to 15 GHz RxVGA
Rev. A
More results


Similar Description - ADL6331ACCZA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
RF Coaxial Switches (DC to 15 GHz)
logo
Pasternack Enterprises,...
PE9817 PASTERNACK-PE9817 Datasheet
282Kb / 2P
WR-75 to N Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9819 PASTERNACK-PE9819 Datasheet
277Kb / 2P
WR-75 to SMA Female Waveguide to Coax Adapter 10 GHz to 15 GHz
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE-W15TR1001 PASTERNACK-PE-W15TR1001 Datasheet
408Kb / 3P
1 Watt Instrumentation Grade WR-15 Waveguide Load 50 GHz to 75 GHz
PEWAD5013 PASTERNACK-PEWAD5013 Datasheet
438Kb / 4P
WR-75 Waveguide Bulkhead Adapter Square Cover Flange, 10 GHz to 15 GHz
logo
Analog Devices
HMC892ALP5E AD-HMC892ALP5E Datasheet
583Kb / 11P
3.45 GHz to 6.25 GHz, GHz,
9/2018-Revision 0
logo
Broadcom Corporation.
AMMC-6550 BOARDCOM-AMMC-6550 Datasheet
131Kb / 8P
15 to 50 GHz Image Rejection Mixer
logo
Guerrilla RF, Inc.
GRF3042 GUERRILLA-GRF3042 Datasheet
1Mb / 17P
BROADBAND GAIN BLOCK 10 MHz to 15 GHz
January 18, 2023
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com