Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADMV1530 Datasheet (PDF) - Analog Devices

ADMV1530 Datasheet PDF - Analog Devices
Part # ADMV1530
Download  ADMV1530 Download
File Size   3184.34 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer

ADMV1530 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV1530 Datasheet PDF - Analog Devices

Part # ADMV1530
Download  ADMV1530 Click to download

File Size   3184.34 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer

ADMV1530 Datasheet (HTML) - Analog Devices


ADMV1530 Product details

FEATURES
► Conversion loss (downconverter): 7 dB typical at 15 GHz to 30
GHz
► Input IP3 (downconverter): 27 dBm typical at 15 GHz to 30 GHz
► Input IP2 (upconverter): 50 dBm typical at 15 GHz to 30 GHz
► Input 1 dB compression point (downconverter): 17 dBm typical
► LO to RF isolation: 40 dB typical
► LO to IF isolation: 50 dB typical at 15 GHz to 30 GHz
► RF to IF isolation: 25 dB typical at 15 GHz to 30 GHz
► 18-terminal, RoHS compliant, 4 mm × 4 mm LGA package

APPLICATIONS
► Microwave and very small aperture terminal (VSAT) radios
► Test equipment
► Military electronic warfare (EW)
► Electronic countermeasure (ECM)
► Command, control, communications, and intelligence (C3I)




Similar Part No. - ADMV1530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550-EVALZ AD-ADMV1550-EVALZ Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550ACCZ AD-ADMV1550ACCZ Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1550ACCZ-R2 AD-ADMV1550ACCZ-R2 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
ADMV1555 AD-ADMV1555 Datasheet
3Mb / 41P
18 GHz to 55 GHz, GaAs, MMIC, Wideband I/Q Mixer
Rev. 0
More results


Similar Description - ADMV1530

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com