Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-4080AEH Datasheet (PDF) - Renesas Technology Corp

HS-4080AEH Datasheet PDF - Renesas Technology Corp
Part # HS-4080AEH
Download  HS-4080AEH Download
File Size   370.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Full Bridge N-Channel FET Driver

HS-4080AEH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-4080AEH Datasheet PDF - Renesas Technology Corp

Part # HS-4080AEH
Download  HS-4080AEH Click to download

File Size   370.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Full Bridge N-Channel FET Driver

HS-4080AEH Datasheet (HTML) - Renesas Technology Corp


HS-4080AEH Product details

Features
• Electrically screened to SMD # 5962-99617
• QML qualified per MIL-PRF-38535 requirements
• TID Rad Hard Assurance (RHA) testing
- HDR (50 - 300 rad(Si)/s) . . . . . . . . . . . . . 300krad(Si) (max)
- HDR (0.01 rad(Si)/s) . . . . . . . . . . . . . . . . . . . . . . .50krad(Si)
• Latch-up immune RSG DI process
• Drives N-Channel FET full bridge including high-side chop
capability
• Bootstrap supply max voltage to 95VDC
• TTL comparator input levels
• Drives 1000pF load with rise and fall times of 50ns
• User-programmable dead time
• Charge-pump and bootstrap maintain upper bias supplies
• DIS (Disable) pin pulls gates low
• Operates from single supply. . . . . . . . . . . . . . . . . . 12V to 15V
• Low power consumption
• Undervoltage protection




Similar Part No. - HS-4080AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
More results


Similar Description - HS-4080AEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2100RH INTERSIL-HS-2100RH Datasheet
73Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
June 1999
HS-4080ARH INTERSIL-HS-4080ARH Datasheet
82Kb / 4P
Radiation Hardened Full Bridge N-Channel FET Driver
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
IS-2100ARH INTERSIL-IS-2100ARH Datasheet
61Kb / 2P
Radiation Hardened High Frequency Half Bridge Driver
April 2003
logo
Solid States Devices, I...
SFFR250M SSDI-SFFR250M Datasheet
249Kb / 2P
RADIATION HARDENED N-CHANNEL MOSFET
logo
List of Unclassifed Man...
TS61001 ETC2-TS61001 Datasheet
981Kb / 8P
Full-bridge FET Driver
logo
Semtech Corporation
TS61001 SEMTECH-TS61001 Datasheet
475Kb / 10P
Full-bridge FET Driver
TS61002 SEMTECH-TS61002 Datasheet
1Mb / 11P
Full-bridge FET Driver
TSDMTX-5V-EVM SEMTECH-TSDMTX-5V-EVM Datasheet
475Kb / 10P
Full-bridge FET Driver
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com