Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD2120D Datasheet (PDF) - Qorvo, Inc

QPD2120D Datasheet PDF - Qorvo, Inc
Part # QPD2120D
Download  QPD2120D Download
File Size   1079.08 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1200 um Discrete GaAs pHEMT

QPD2120D Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD2120D Datasheet PDF - Qorvo, Inc

Part # QPD2120D
Download  QPD2120D Click to download

File Size   1079.08 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1200 um Discrete GaAs pHEMT

QPD2120D Datasheet (HTML) - Qorvo, Inc


QPD2120D Product details

Key Features
• Frequency: DC – 20 GHz
• Output Power (P1dB)1: 31 dBm
• Typical Gain1: 11 dB
• Typical PAE1dB
1: 57%
• Noise Figure1: 1 dB
• No Vias
• Technology: 0.25 um GaAs pHEMT
• Chip Dimensions: 0.41 x 0.54 x 0.10 mm




Similar Part No. - QPD2120D

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD2160D QORVO-QPD2160D Datasheet
1Mb / 10P
1600 um Discrete GaAs pHEMT
August 2022
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194S2 TRIQUINT-QPD2194S2 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194SQ TRIQUINT-QPD2194SQ Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results


Similar Description - QPD2120D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2120 TRIQUINT-TGF2120 Datasheet
217Kb / 6P
1200um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2018 TRIQUINT-TGF2018_15 Datasheet
245Kb / 8P
180 um Discrete GaAs pHEMT
TGF2025 TRIQUINT-TGF2025_15 Datasheet
424Kb / 8P
250 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040_15 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060_15 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2080 TRIQUINT-TGF2080_15 Datasheet
191Kb / 6P
800um Discrete GaAs pHEMT
TGF2120 TRIQUINT-TGF2120_15 Datasheet
212Kb / 6P
1200um Discrete GaAs pHEMT
TGF2160 TRIQUINT-TGF2160_15 Datasheet
225Kb / 6P
1600um Discrete GaAs pHEMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com