Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPD2160D Datasheet (PDF) - Qorvo, Inc

QPD2160D Datasheet PDF - Qorvo, Inc
Part # QPD2160D
Download  QPD2160D Download
File Size   1070.21 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1600 um Discrete GaAs pHEMT

QPD2160D Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD2160D Datasheet PDF - Qorvo, Inc

Part # QPD2160D
Download  QPD2160D Click to download

File Size   1070.21 Kbytes
Page   10 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 1600 um Discrete GaAs pHEMT

QPD2160D Datasheet (HTML) - Qorvo, Inc


QPD2160D Product details

Product Overview
The Qorvo QPD2160D is a discrete 1600 micron pHEMT
which operates from DC to 20 GHz. The QPD2160D is
fabricated using Qorvo’s proven standard 0.25 um power
pHEMT production process. This process features
advanced techniques to optimize microwave power and
efficiency at high drain bias operating conditions.

Key Features
• Frequency: DC – 20 GHz
• Output Power (P1dB)1: 32.5 dBm
• Typical Gain1: 10.4 dB
• Typical PAE1dB
1: 63%
• Noise Figure1: 1 dB
• No Vias
• Technology: 0.25 um GaAs pHEMT
• Chip Dimensions: 0.41 x 0.54 x 0.10 mm

Applications
• Defense and Aerospace
• High-Reliability
• Test and Measurement
• Commercial
• Broadband Wireless




Similar Part No. - QPD2160D

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD2120D QORVO-QPD2120D Datasheet
1Mb / 10P
1200 um Discrete GaAs pHEMT
August 2022
logo
TriQuint Semiconductor
QPD2194 TRIQUINT-QPD2194 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194PCB4B01 TRIQUINT-QPD2194PCB4B01 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194S2 TRIQUINT-QPD2194S2 Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
QPD2194SQ TRIQUINT-QPD2194SQ Datasheet
884Kb / 14P
300 W, 48 V, 1.8-2.2 GHz GaN RF Power Transistor
More results


Similar Description - QPD2160D

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2120 TRIQUINT-TGF2120 Datasheet
217Kb / 6P
1200um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2018 TRIQUINT-TGF2018_15 Datasheet
245Kb / 8P
180 um Discrete GaAs pHEMT
TGF2025 TRIQUINT-TGF2025_15 Datasheet
424Kb / 8P
250 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040_15 Datasheet
411Kb / 8P
400 um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060_15 Datasheet
410Kb / 8P
600 um Discrete GaAs pHEMT
TGF2080 TRIQUINT-TGF2080_15 Datasheet
191Kb / 6P
800um Discrete GaAs pHEMT
TGF2120 TRIQUINT-TGF2120_15 Datasheet
212Kb / 6P
1200um Discrete GaAs pHEMT
TGF2160 TRIQUINT-TGF2160_15 Datasheet
225Kb / 6P
1600um Discrete GaAs pHEMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com