Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1221 Datasheet (PDF) - Texas Instruments

DAC1221 Datasheet PDF - Texas Instruments
Part # DAC1221
Download  DAC1221 Download
File Size   220.03 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER

DAC1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1221 Datasheet PDF - Texas Instruments

Part # DAC1221
Download  DAC1221 Click to download

File Size   220.03 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER

DAC1221 Datasheet (HTML) - Texas Instruments


DAC1221 Product details

FEATURES
16-BIT MONOTONICITY GUARANTEED
OVER –40°C TO +85°C
LOW POWER: 1.2mW
VOLTAGE OUTPUT
SETTLING TIME: 2ms to 0.012%
MAX LINEARITY ERROR: 30ppm
ON-CHIP CALIBRATION

APPLICATIONS
PROCESS CONTROL
ATE PIN ELECTRONICS
CLOSED-LOOP SERVO-CONTROL
SMART TRANSMITTERS
PORTABLE INSTRUMENTS
VCO CONTROL

DESCRIPTION
The DAC1221 is a Digital-to-Analog (D/A) converter
offering 16-bit monotonic performance over the specified
temperature range. It utilizes delta-sigma technology
to achieve inherently linear performance in a
small package at very low power. The output range is
two times the external reference voltage. On-chip
calibration circuitry dramatically reduces offset and
gain errors.
The DAC1221 features a synchronous serial interface.
In single converter applications, the serial interface can
be accomplished with just two wires, allowing lowcost
isolation. For multiple converters, a CS signal
allows for selection of the appropriate D/A converter.
The DAC1221 has been designed for closed-loop
control applications in the industrial process control
market, and high resolution applications in the test and
measurement market. It is also ideal for remote applications,
battery-powered instruments, and isolated systems.
The DAC1221 is available in a SSOP-16 package.




Similar Part No. - DAC1221

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC1221E BURR-BROWN-DAC1221E Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1221E TI1-DAC1221E Datasheet
147Kb / 16P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DAC1221EG4 TI1-DAC1221EG4 Datasheet
147Kb / 16P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC1221

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
16-Bit ANALOG-TO-DIGITAL CONVERTER
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
16-Bit Analog-to-Digital Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
16 Bit Digital to Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com