Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1221 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1221 Datasheet(HTML) 2 Page - Texas Instruments

  DAC1221 Datasheet HTML 1Page - Texas Instruments DAC1221 Datasheet HTML 2Page - Texas Instruments DAC1221 Datasheet HTML 3Page - Texas Instruments DAC1221 Datasheet HTML 4Page - Texas Instruments DAC1221 Datasheet HTML 5Page - Texas Instruments DAC1221 Datasheet HTML 6Page - Texas Instruments DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
®
DAC1221
SPECIFICATIONS
All specifications TMIN to TMAX, AVDD = DVDD = +3V, fXIN = 2.5MHz, VREF = +1.25V, C1 = 2.2nF, C2 = 150pF, C3 = 6.8nF, unless otherwise noted.
DAC1221E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ACCURACY
Monotonicity
16
Bits
Linearity Error(1)
±30
ppm of FSR
Offset Error(2)
VOUT = 20mV, CALPIN = 1(6)
±190
µV
Offset Error Drift(3)
50
µV/°C
Midscale Error(2)
VOUT = VREF, CALPIN = 1(6)
±20
µV
Midscale Error Drift(3)
50
µV/°C
Gain Error(2)
CALPIN = 1(6)
0.015
%
Gain Error Drift(3)
3
ppm/
°C
Power-Supply Rejection Ratio
at DC, dB = –20log(
∆V
OUT/∆VDD)57
dB
ANALOG OUTPUT
Output Voltage(4)
0
2 • VREF
V
Output Current(1)
±0.25
mA
Capacitive Load
500
pF
Short-Circuit Current
±10
mA
Short-Circuit Duration
GND or VDD
Indefinite
DYNAMIC PERFORMANCE
Settling Time(1,5)
To
±0.012%
1.8
2
ms
Output-Noise Voltage
1Hz to 2kHz
45
µVrms
REFERENCE INPUT
Input Voltage
1.125
1.25
1.375
V
Input Impedance
1M
Ω
DIGITAL INPUT/OUTPUT
Logic Family
TTL-Compatible CMOS
Logic Levels (all except XIN)
VIH
2.0
DVDD + 0.3
V
VIL
–0.3
0.8
V
VOH
IOH = –0.8mA
2.4
V
VOL
IOL = 1.6mA
0.4
V
Input-Leakage Current
±10
µA
XIN Frequency Range (fXIN)
1.0
2.5
MHz
Data Format
User Programmable
Offset Two’s Complement
or Straight Binary
POWER SUPPLY REQUIREMENTS
Power-Supply Voltage
2.7
3.3
V
Supply Current
Analog Current
320
µA
Digital Current
70
µA
Power Dissipation
Normal Mode
1.2
1.6
mW
Sleep Mode
0.25
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
NOTES: (1) Valid from AGND + 20mV to 2 • VREF. (2) Applies after calibration. (3) Recalibration can remove these errors. (4) Ideal output voltage. (5) Using external
low-pass filter with 2kHz corner frequency. (6) See Command Register for description of CALPIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com