Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1221 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC1221
Description  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC1221 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC1221 Datasheet HTML 7Page - Texas Instruments DAC1221 Datasheet HTML 8Page - Texas Instruments DAC1221 Datasheet HTML 9Page - Texas Instruments DAC1221 Datasheet HTML 10Page - Texas Instruments DAC1221 Datasheet HTML 11Page - Texas Instruments DAC1221 Datasheet HTML 12Page - Texas Instruments DAC1221 Datasheet HTML 13Page - Texas Instruments DAC1221 Datasheet HTML 14Page - Texas Instruments DAC1221 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
DAC1221
t
1
t
3
t
4
t
2
t
2
SCLK
Reset On
Falling Edge
FIGURE 3. Resetting the DAC1221.
t1: > 512 • tXIN
< 800 • tXIN
t2: > 10 • tXIN
t3: > 1024 • tXIN
< 1800 • tXIN
t4: ≥ 2048 • tXIN
< 2400 • tXIN
I/O Recovery
If serial communication stops during an instruction or data
transfer for longer than 100ms (for fXIN = 2.5MHz), the
DAC1221 will reset its serial interface. This will not affect
the internal registers. The main controller must not continue
the transfer after this event, but must restart the transfer from
the beginning. This feature is very useful if the main control-
ler can be reset at any point. After reset, simply wait 200ms
(for fXIN = 2.5MHz) before starting serial communication.
Isolation
The serial interface of the DAC1221 provides for simple
isolation methods. An example of an isolated two-wire
interface is shown in Figure 4.
Using CS
The serial interface may make use of the CS signal, or this
input may simply be tied LOW. There are several issues
associated with choosing to do one or the other. The CS
signal does not directly control the tri-state condition of the
SDIO output. These signals are normally in the tri-state
condition. They only become active when serial data is
being transmitted from the DAC1221. If the DAC1221 is in
the middle of a serial transfer and the SDIO is an output,
taking CS HIGH will not tri-state the output signal.
If there are multiple serial peripherals utilizing the same
serial I/O lines and communication may occur with any
peripheral at any time, the CS signal must be used. The CS
signal is then used to enable communication with the
DAC1221.
TIMING
The maximum serial clock frequency cannot exceed the
DAC1221 XIN frequency divided by 10. Table VIII and
Figures 5 through 9 define the basic digital timing character-
istics of the DAC1221. Figure 5 and the associated timing
symbols apply to the XIN input signal. Figures 6 through 9
and associated timing symbols apply to the serial interface
signals (SCLK, SDIO, and CS). The serial interface is
discussed in detail in the Serial Interface section.
1
2
3
4
5
6
7
8
DV
DD
X
OUT
X
IN
DGND
AV
DD
DNC
C
3
C
2B
SCLK
SDIO
CS
AGND
V
REF
V
OUT
C
2A
C
1
16
15
14
13
12
11
10
9
DAC1221
C
1X
5.6pF
C
2X
5.6pF
AV
DD
XTAL
V
REF
DV
DD
P1.1
P1.0
8051
Opto
Coupler
Opto
Coupler
Isolated
Power
C
2
C
3
C
1
= DGND
= AGND
= Isolated
FIGURE 4. Isolation for Two-Wire Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com