Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93605 Datasheet (PDF) - Molex Electronics Ltd.

93605 Datasheet PDF - Molex Electronics Ltd.
Part # 93605
Download  93605 Download
File Size   69.98 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm² 26-12 AWG

93605 Datasheet (PDF)

Go To PDF Page Download Datasheet
93605 Datasheet PDF - Molex Electronics Ltd.

Part # 93605
Download  93605 Click to download

File Size   69.98 Kbytes
Page   3 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm² 26-12 AWG

93605 Datasheet (HTML) - Molex Electronics Ltd.


93605 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 93605
Description GWconnect Hand Crimp Tool for
10A, 16A, and 40A Turned Contacts
and Bush Terminals, 0.14-4.00mm²
26-12 AWG
Comments Crimp tool, Die set, and Locator
included
Function Crimp
Geographic Area Global
Level of Automation Manual
Product Name GWconnect
Tool Type Hand Crimp Tool
UPC 887191892450
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 93605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
93605 MOLEX-93605 Datasheet
69Kb / 3P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-2.5mm² 20-14 AWG
Jun 13, 2025
93605 MOLEX-93605 Datasheet
64Kb / 2P
GWconnect Hand Crimping Tool for 5A Turned Contact, with Ratchet
Jun 13, 2025
93605 MOLEX-93605 Datasheet
64Kb / 2P
GWconnect Hand Crimp Tool Frame, without Die Set and Locator
Jun 13, 2025
93605 MOLEX-93605 Datasheet
67Kb / 2P
GWconnect Hand Tool Die Set for 0.14-4.00mm² Wire
Jun 13, 2025
93605 MOLEX-93605 Datasheet
63Kb / 2P
GWconnect Hand Tool Die Set for 1.50-6.00mm² Wire
Jun 13, 2025
More results


Similar Description - 93605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-2500 MOLEX11-63819-2500 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
63819-2600 MOLEX11-63819-2600 Datasheet
44Kb / 1P
Hand Crimp Tool for 2.00mm Crimp Terminals, 26-28 AWG
0936050065 MOLEX1-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-6.00mm짼
0936050073 MOLEX1-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminal
0936050081 MOLEX-0936050081 Datasheet
32Kb / 1P
GWconnect Removal Hand Tool for 100A Turned Crimp Contacts
03/04/2021
0936050065 MOLEX-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-4.00mm짼 (20-12) AWG
03/23/2022
0936050073 MOLEX-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm짼 (26-12) AWG
03/24/2022
0936050076 MOLEX-0936050076 Datasheet
52Kb / 1P
GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts
03/04/2021
0638114700 MOLEX-0638114700 Datasheet
36Kb / 1P
Hand Crimp Tool for MLX Crimp Terminals, 10-12 AWG
08/26/2022
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com