Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93605 Datasheet (PDF) - Molex Electronics Ltd.

93605 Datasheet PDF - Molex Electronics Ltd.
Part # 93605
Download  93605 Download
File Size   66.4 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts

93605 Datasheet (PDF)

Go To PDF Page Download Datasheet
93605 Datasheet PDF - Molex Electronics Ltd.

Part # 93605
Download  93605 Click to download

File Size   66.4 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts

93605 Datasheet (HTML) - Molex Electronics Ltd.


93605 Product details

General
Status Active
Category Application Tooling
Series 93605
Description GWconnect (8) Indent Hand
Crimping Tool for 10A, 16A, 40A
Contacts
Comments Locator for exact positioning of 12
different contact types
Function Crimp
Geographic Area Global
Level of Automation Manual
Product Name GWconnect
Tool Type Hand Crimp Tool
UPC 887191892481




Similar Part No. - 93605

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
93605 MOLEX-93605 Datasheet
69Kb / 3P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-2.5mm² 20-14 AWG
Jun 13, 2025
93605 MOLEX-93605 Datasheet
64Kb / 2P
GWconnect Hand Crimping Tool for 5A Turned Contact, with Ratchet
Jun 13, 2025
93605 MOLEX-93605 Datasheet
64Kb / 2P
GWconnect Hand Crimp Tool Frame, without Die Set and Locator
Jun 13, 2025
93605 MOLEX-93605 Datasheet
69Kb / 3P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm² 26-12 AWG
Jun 13, 2025
93605 MOLEX-93605 Datasheet
67Kb / 2P
GWconnect Hand Tool Die Set for 0.14-4.00mm² Wire
Jun 13, 2025
More results


Similar Description - 93605

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
Hand crimping tool
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
Hand crimping tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
Hand crimping tool
logo
Molex Electronics Ltd.
0936050065 MOLEX1-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-6.00mm짼
0936050073 MOLEX1-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminal
0936050083 MOLEX1-0936050083 Datasheet
34Kb / 1P
GWconnect Removal Tool for 16A Crimp Contacts, Metal Handle
0936050083 MOLEX-0936050083 Datasheet
34Kb / 1P
GWconnect Removal Tool for 16A Crimp Contacts, Metal Handle
03/24/2022
0936050065 MOLEX-0936050065 Datasheet
46Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts, 0.50-4.00mm짼 (20-12) AWG
03/23/2022
0936050073 MOLEX-0936050073 Datasheet
45Kb / 1P
GWconnect Hand Crimp Tool for 10A, 16A, and 40A Turned Contacts and Bush Terminals, 0.14-4.00mm짼 (26-12) AWG
03/24/2022
0936050076 MOLEX-0936050076 Datasheet
52Kb / 1P
GWconnect (8) Indent Hand Crimping Tool for 10A, 16A, 40A Contacts
03/04/2021
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com