Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVLAW2400MSPI10 Datasheet (PDF) - Infinite Electronics International, Inc.

AVLAW2400MSPI10 Datasheet PDF - Infinite Electronics International, Inc.
Part # AVLAW2400MSPI10
Download  AVLAW2400MSPI10 Download
File Size   1217.04 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz SPI to RF Module

AVLAW2400MSPI10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AVLAW2400MSPI10 Datasheet PDF - Infinite Electronics International, Inc.

Part # AVLAW2400MSPI10
Download  AVLAW2400MSPI10 Click to download

File Size   1217.04 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz SPI to RF Module

AVLAW2400MSPI10 Datasheet (HTML) - Infinite Electronics International, Inc.


AVLAW2400MSPI10 Product details

Features
• 1.54 Mbps DSSS Radio with high speed SPI
and UART data interfaces
• FCC/IC certified modular approval for 2.4 GHz
• 128 bit AES encryption - FIPS 197 NIST certified
• 156 dB link budget enables exceptional range:
10 watts EIRP with 19 dBi antenna (+21 dBm conducted)
-116 dB receive sensitivity with 19 dBi antenna (-97 dBm at
port)
• TDMA MAC supports up to 63 concurrent subscribers
• Low power draw: 0.75w transmitting, 2µw standby
at 3.3 VDC
• Wide temperature range: -40° to +80°C
• Narrow occupied bandwidth allows 29 channels within
2.4 GHz band
• Small form factor allows easy integration: 47.5 x 51 x 7 mm




Similar Part No. - AVLAW2400MSPI10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVLAW2400MTR10 L-COM-AVLAW2400MTR10 Datasheet
1Mb / 2P
2.4 GHz Ethernet to RF Module
Version 10.04.2010
AVLAW2400MTREVAL L-COM-AVLAW2400MTREVAL Datasheet
1Mb / 2P
2.4 GHz Ethernet to RF Module
Version 10.04.2010
More results


Similar Description - AVLAW2400MSPI10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8341 AD-AD8341 Datasheet
556Kb / 20P
1.5 GHz to 2.4 GHz RF Vector Modulator
7/04-Revision 0
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
logo
Microchip Technology
MRF24WB0MA MICROCHIP-MRF24WB0MA Datasheet
530Kb / 34P
2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
2010
MRF24J40MA MICROCHIP-MRF24J40MA Datasheet
484Kb / 30P
2.4 GHz IEEE Std. 802.15.4 RF Transceiver Module
2008
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
WALSIN TECHNOLOGY CORPO...
RFLPF1608060AGT WALSIN-RFLPF1608060AGT Datasheet
545Kb / 7P
2.4 GHz ISM RF Application
logo
Wurth Elektronik GmbH &...
2606031121000 WURTH-2606031121000 Datasheet
451Kb / 6P
WIRL-PRO2 Radio module 2.4 GHz with RF pad
001.012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com