Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2110 Datasheet (PDF) - SYC Electronica

IR2110 Datasheet PDF - SYC Electronica
Part # IR2110
Download  IR2110 Download
File Size   333.79 Kbytes
Page   18 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF

IR2110 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2110 Datasheet PDF - SYC Electronica

Part # IR2110
Download  IR2110 Click to download

File Size   333.79 Kbytes
Page   18 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF

IR2110 Datasheet (HTML) - SYC Electronica


IR2110 Product details

Features
• Floating channel designed for bootstrap operation
Fully operational to +500V or +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V logic compatible
Separate logic supply range from 3.3V to 20V
Logic and power ground ±5V offset
• CMOS Schmitt-triggered inputs with pull-down
• Cycle by cycle edge-triggered shutdown logic
• Matched propagation delay for both channels
• Outputs in phase with inputs




Similar Part No. - IR2110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2110 IRF-IR2110 Datasheet
328Kb / 18P
HIGH AND LOW SIDE DRIVER
IR2110 IRF-IR2110 Datasheet
9Mb / 24P
HIGH VOLTAGE MOS GATE DRIVER
IR2110 IRF-IR2110 Datasheet
334Kb / 18P
HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2110 INFINEON-IR2110 Datasheet
491Kb / 17P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60147 rev.V
logo
International Rectifier
IR2110-1 IRF-IR2110-1 Datasheet
334Kb / 18P
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF HIGH AND LOW SIDE DRIVER
More results


Similar Description - IR2110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETS12PBF IRF-20ETS12PBF Datasheet
160Kb / 6P
INPUT RECTIFIER DIODE Lead-Free (PbF suffix)
80EPS16PBF IRF-80EPS16PBF Datasheet
163Kb / 6P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
Interpoint Corporation ...
10ETS12SPBF INTERPOINT-10ETS12SPBF Datasheet
175Kb / 7P
INPUT RECTIFIER DIODE Lead-Free ("PbF" suffix)
logo
International Rectifier
IR2109STRPBF IRF-IR2109STRPBF Datasheet
355Kb / 25P
IR2109(4) (S) & (PBF) HALF-BRIDGE DRIVER
IR2110-1 IRF-IR2110-1 Datasheet
334Kb / 18P
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF HIGH AND LOW SIDE DRIVER
IR21094PBF IRF-IR21094PBF Datasheet
355Kb / 25P
IR2109(4) (S) & (PbF) HALF-BRIDGE DRIVER
logo
Rosenberger Hochfrequen...
60K1C7-C08N1 ROSENBERGER-60K1C7-C08N1 Datasheet
139Kb / 2P
STRAIGHT JACK (1/2?쇺?S)
60S1C7-C08N1 ROSENBERGER-60S1C7-C08N1 Datasheet
133Kb / 2P
STRAIGHT PLUG (1/2?쇺?S)
60S2C7-C08N1 ROSENBERGER-60S2C7-C08N1 Datasheet
143Kb / 2P
RIGHT ANGLE PLUG (1/2?쇺?S)
logo
Fronter Electronics Co....
FT21M07C FRONTER-FT21M07C Datasheet
180Kb / 1P
S-1/S-2, L-1/L-2/L-3/L-4 DIP TYPE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com