Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARSJNFB Datasheet (PDF) - Infinite Electronics International, Inc.

AXARSJNFB Datasheet PDF - Infinite Electronics International, Inc.
Part # AXARSJNFB
Download  AXARSJNFB Download
File Size   122.96 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,RP-SMA JACK/N-FEMALE BLKHD

AXARSJNFB Datasheet (PDF)

Go To PDF Page Download Datasheet
AXARSJNFB Datasheet PDF - Infinite Electronics International, Inc.

Part # AXARSJNFB
Download  AXARSJNFB Click to download

File Size   122.96 Kbytes
Page   1 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description ADP,RP-SMA JACK/N-FEMALE BLKHD

AXARSJNFB Datasheet (HTML) - Infinite Electronics International, Inc.


AXARSJNFB Product details

ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V
INSERTION LOSS: .15 dB MAX

MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.




Similar Part No. - AXARSJNFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARSJRSJB L-COM-AXARSJRSJB Datasheet
130Kb / 1P
ADP,RP-SMA JACK/JACK BLKHD
4/21/10
More results


Similar Description - AXARSJNFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
336314-14-0050 ETC2-336314-14-0050 Datasheet
677Kb / 2P
RP SMA STR BHD JACK
logo
Linx Technologies
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
CSJ-RGFB-100-MHF3 LINX-CSJ-RGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD RP-SMA, 0.81mm CBL
CSI-RGFI-100-UFFR LINX-CSI-RGFI-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-100-UFFR LINX-CSI-RGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFE-CCC-UFFR-P LINX-CSI-RGFE-CCC-UFFR-P Datasheet
90Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-JUL-17
CSI-RSFE-YYY-UFFR LINX-CSI-RSFE-YYY-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-MAR-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com