Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXARSJNFB Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AXARSJNFB
Description  ADP,RP-SMA JACK/N-FEMALE BLKHD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AXARSJNFB Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AXARSJNFB Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.44
36.6
.40
10.1
.92
23.3
.528
13.4
NUT
LOCK WASHER
BODY
5/8"-24 UNEF-2A
1/4"-36 UNS-2A
.538
13.7
.634
16.1
RECOMMENDED PANEL CUTOUT
RoHS Compliant 
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
WITHSTAND VOLTAGE: 1000V
INSERTION LOSS: .15 dB MAX
MISCELLANEOUS:
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPEC. PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
DIELECTRIC
TEFLON
-
CENTER PIN
BRASS
GOLD
LOCK WASHER
BRASS
NICKEL
NUT
BRASS
NICKEL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
AXA-RSJNFB
A
AXA-RSJNFB.SLDDRW
1
1
K. BURGNER
6/29/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K. BURGNER
6/29/10
6/29/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADP,RP-SMA JACK/N-FEMALE BLKHD
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
6/29/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - AXARSJNFB

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AXARSJRSJB L-COM-AXARSJRSJB Datasheet
130Kb / 1P
ADP,RP-SMA JACK/JACK BLKHD
4/21/10
More results

Similar Description - AXARSJNFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CONREVSMA001 ETC2-CONREVSMA001 Datasheet
143Kb / 1P
RP-SMA FEMALE PCB MOUNT
CONREVSMA003.062 ETC2-CONREVSMA003.062 Datasheet
149Kb / 1P
RP-SMA FEMALE EDGE MOUNT RP-SMA FEMALE EDGE MOUNT
CONREVSMA010 ETC2-CONREVSMA010 Datasheet
127Kb / 1P
RP-SMA MALE TO RP-SMA FEMALE RIGHT ANGLE ADAPTOR
336314-14-0050 ETC2-336314-14-0050 Datasheet
677Kb / 2P
RP SMA STR BHD JACK
logo
Linx Technologies
ADP-RPSM-SMAF-G LINX-ADP-RPSM-SMAF-G Datasheet
292Kb / 2P
ADAPTER, RP-SMA PLUG (FEMALE SOCKET) TO SMA JACK (FEMALE SOCKET), GOLD
CSJ-RGFB-100-MHF3 LINX-CSJ-RGFB-100-MHF3 Datasheet
86Kb / 1P
CBL ASSEMBLY, MHF3 TO FEM. BLKHD RP-SMA, 0.81mm CBL
CSI-RGFI-100-UFFR LINX-CSI-RGFI-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFB-100-UFFR LINX-CSI-RGFB-100-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
CSI-RGFE-CCC-UFFR-P LINX-CSI-RGFE-CCC-UFFR-P Datasheet
90Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-JUL-17
CSI-RSFE-YYY-UFFR LINX-CSI-RSFE-YYY-UFFR Datasheet
87Kb / 1P
CABLE ASSEMBLY, U.FL TO FEM. BLKHD RP-SMA, 1.13mm CBL
26-MAR-14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com