Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEAD150B Datasheet (PDF) - TT Electronics.

PEAD150B Datasheet PDF - TT Electronics.
Part # PEAD150B
Download  PEAD150B Download
File Size   481.02 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD150B Power Supply Series (150W)

PEAD150B Datasheet (PDF)

Go To PDF Page Download Datasheet
PEAD150B Datasheet PDF - TT Electronics.

Part # PEAD150B
Download  PEAD150B Click to download

File Size   481.02 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PEAD150B Power Supply Series (150W)

PEAD150B Datasheet (HTML) - TT Electronics.


PEAD150B Product details

Description:
The PEAD150B series of AC/DC switching power supplies are for 150 watts of continuous output power. They are available
as Class I or Class II devices with the inlet of the IEC320/C14, C6, C8, or C18 to mate with an interchangeable cord for worldwide
use. All models meet FCC, EN55022, and CISPR22 class B emission limits, and comply with UL, IEC, DOE level VI, CE,
and more.
Features:
• Efficiency Level VI
• <210mW No Load Power Consumption
• Short Circuit Protection
• Overload Protection
• No Load Operation
• 100 % Burn-In/Hi-Pot Testing
• RoHS Compliant
• IEC320-C6, C8, C14, C18




Similar Part No. - PEAD150B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PEAD150C TTELEC-PEAD150C Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-12 TTELEC-PEAD150C-12 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-13 TTELEC-PEAD150C-13 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-13-2 TTELEC-PEAD150C-13-2 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
PEAD150C-14 TTELEC-PEAD150C-14 Datasheet
3Mb / 4P
AC/DC DESKTOP ADAPTER 12-56VDC 150W
1 April 2022
More results


Similar Description - PEAD150B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
150W Single Output Switching Power Supply
CLG-150 MEANWELL-CLG-150_11 Datasheet
577Kb / 5P
150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
150W Single Output Switching Power Supply
logo
Tumbler Technologies + ...
TIPC150-FXS TRUMPOWER-TIPC150-FXS Datasheet
171Kb / 1P
150W FlexATX IPC Power Supply
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
150W Single Output Switching Power Supply
logo
ETA-USA
VTE-SC ETA-USA-VTE-SC Datasheet
2Mb / 3P
150W Isolated Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com