Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEAD150B Datasheet(PDF) 2 Page - TT Electronics.

Part # PEAD150B
Description  PEAD150B Power Supply Series (150W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD150B Datasheet(HTML) 2 Page - TT Electronics.

  PEAD150B Datasheet HTML 1Page - TT Electronics. PEAD150B Datasheet HTML 2Page - TT Electronics. PEAD150B Datasheet HTML 3Page - TT Electronics. PEAD150B Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
ISS.10 22/04/2021 Page: 2
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
Specifications
Input
Input Voltage
90-264VAC
Input Frequency
47-63 Hz
Input Current
2A max at 115 VAC
1A max at 230 VAC
Inrush Current
<60A peak at 115VAC
<120A peak at 230VAC, cold start, 25ºC
Safety Isolation
3.0kVAC Input to Output
1.5kVAC Input to Ground
Leakage Current
250µA max. at 240VAC
Rise Time
<50mS at full load from 10%-90% of output voltage
Power Factor Correction
IEC61000-3-2 Class D (P.F. >0.9)
Output
Total Output Power
150W max
Output Voltage
See Table
Hold Up Time
≥10mS typical/full load/115VAC
Average Active efficiency
>88% average
No Load Power Consumption
<210mW at 230VAC/50Hz
Turn on Delay
<3 seconds
Minimum Load
No minimum load
Protection Features
Overvoltage Protection
150% Max. of nominal. Cycle AC power to reset after fault is re-
moved
Overcurrent Protection
110%-150% of maximum output current. Auto recovery
Short Circuit
Hiccup mode. Auto recovery
Ingress
IP22 Compliant
Environmental
Operating Temperature
0ºC to 60ºC (Derate output power linearly from 100% at 40°C to
50% at 60°C)
Storage Temperature
--20ºC to +85ºC
Operating Humidity
10% - 90% non-condensing
Altitude
<5000m operational and storage
General Specifications
Dimensions
7.04”L x 2.56”W x 1.57”H
Weight
1.55lb
MTBF
>100,000 hours per MIL-HDBK-217F at full load and 25ºC ambient
AC Input Receptacle
IEC320 C14, C6, C8
DC output Plug
4 Pin non-locking plug, mates with Kycon P/N KPJX-4S-S socket or
equivalent



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com