Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1202IPWR Datasheet (PDF) - Texas Instruments

ADS1202IPWR Datasheet PDF - Texas Instruments
Part # ADS1202IPWR
Download  ADS1202IPWR Download
File Size   710.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator

ADS1202IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1202IPWR Datasheet PDF - Texas Instruments

Part # ADS1202IPWR
Download  ADS1202IPWR Click to download

File Size   710.42 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator

ADS1202IPWR Datasheet (HTML) - Texas Instruments


ADS1202IPWR Product details

FEATURES
16-BIT RESOLUTION
13-BIT LINEARITY
RESOLUTION/SPEED TRADE-OFF:
10-Bit Effective Resolution with 20μs Signal
Delay (12-bit with 77μs)
±250mV INPUT RANGE WITH SINGLE 5V SUPPLY
2% INTERNAL REFERENCE VOLTAGE
2% GAIN ERROR
FLEXIBLE SERIAL INTERFACE WITH FOUR
DIFFERENT MODES
IMPLEMENTED TWINNED BINARY CODING AS
SPLIT PHASE OR MANCHESTER CODING FOR
ONE LINE INTERFACING
OPERATING TEMPERATURE RANGE:
–40°C to +85°C

APPLICATIONS
MOTOR CONTROL
CURRENT MEASUREMENT
INDUSTRIAL PROCESS CONTROL
INSTRUMENTATION
SMART TRANSMITTERS
PORTABLE INSTRUMENTS
WEIGHT SCALES
PRESSURE TRANSDUCERS

DESCRIPTION
The ADS1202 is a precision, 80dB dynamic range, deltasigma
(ΔΣ) modulator operating from a single +5V supply.
The differential inputs are ideal for direct connections to
transducers or low-level signals. With the appropriate digital
filter and modulator rate, the device can be used to achieve
16-bit Analog-to-Digital (A/D) conversion with no missing
codes. Effective resolution of 12 bits can be maintained with
a digital filter bandwidth of 10kHz at a modulator rate of
10MHz. The ADS1202 is designed for use in medium resolution
measurement applications including current measurements,
smart transmitters, industrial process control, weigh
scales, chromatography, and portable instrumentation. It is
available in a TSSOP-8 package.




Similar Part No. - ADS1202IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202IPWR BURR-BROWN-ADS1202IPWR Datasheet
311Kb / 21P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1202IPWR TI1-ADS1202IPWR Datasheet
502Kb / 24P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI-ADS1202IPWR Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI-ADS1202IPWR Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWR TI1-ADS1202IPWR Datasheet
890Kb / 26P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
More results


Similar Description - ADS1202IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1202 BURR-BROWN-ADS1202 Datasheet
311Kb / 21P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
logo
Texas Instruments
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
AMC1203 TI-AMC1203 Datasheet
695Kb / 23P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1202 TI1-ADS1202 Datasheet
502Kb / 24P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS574JH TI-ADS574JH Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202IPWRG4 TI-ADS1202IPWRG4 Datasheet
875Kb / 25P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1202 TI1-ADS1202_14 Datasheet
890Kb / 26P
Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
AMC1203 TI-AMC1203_15 Datasheet
990Kb / 29P
1-Bit, 10MHz, 2nd-Order, Isolated Delta-Sigma Modulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com