Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1202IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1202IPWR
Description  Motor Control Current Shunt 1-Bit, 10MHz, 2nd-Order, Delta-Sigma Modulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1202IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1202IPWR Datasheet HTML 4Page - Texas Instruments ADS1202IPWR Datasheet HTML 5Page - Texas Instruments ADS1202IPWR Datasheet HTML 6Page - Texas Instruments ADS1202IPWR Datasheet HTML 7Page - Texas Instruments ADS1202IPWR Datasheet HTML 8Page - Texas Instruments ADS1202IPWR Datasheet HTML 9Page - Texas Instruments ADS1202IPWR Datasheet HTML 10Page - Texas Instruments ADS1202IPWR Datasheet HTML 11Page - Texas Instruments ADS1202IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
ADS1202
8
SBAS275B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
VDD = 5V, +In = –250mV to 250mV, –In = 0V, and MCLK = 10MHz, unless otherwise noted.
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY (Mode 0)
110
Input Frequency (kHz)
SFDR
THD
110
100
90
80
70
60
50
–110
–100
–90
–80
–70
–60
–50
OSR = 256
Sinc3 Filter
SPURIOUS-FREE DYNAMIC RANGE
AND TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY (Mode 3)
110
Input Frequency (kHz)
SFDR
THD
110
100
90
80
70
60
50
–110
–100
–90
–80
–70
–60
–50
OSR = 256
Sinc3 Filter
8
02
6
410
14
16
18
12
20
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
FREQUENCY SPECTRUM
(4096 Point FFT, f
IN = 1kHz, 0.5Vp-p)
Mode 0
FREQUENCY SPECTRUM
(4096 Point FFT, f
IN = 5kHz, 0.5Vp-p)
8
02
6
410
14
16
18
12
20
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
–140
Mode 0
CLOCK FREQUENCY vs TEMPERATURE
–40
–20
0
20
40
60
80
100
120
Temperature (
°C)
10.5
10.2
9.9
9.6
9.3
9.0
COMMON-MODE REJECTION RATIO
vs FREQUENCY
110
100
Frequency of Power Supply (kHz)
100
95
90
85
80
75
70
65
60
55
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com