Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2400 Datasheet (PDF) - Texas Instruments

CC2400 Datasheet PDF - Texas Instruments
Part # CC2400
Download  CC2400 Download
File Size   755.68 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4 GHz Low-Power RF Transceiver

CC2400 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2400 Datasheet PDF - Texas Instruments

Part # CC2400
Download  CC2400 Click to download

File Size   755.68 Kbytes
Page   84 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.4 GHz Low-Power RF Transceiver

CC2400 Datasheet (HTML) - Texas Instruments


CC2400 Product details

Applications
• 2.4 GHz MHz ISM/SRD band systems
• Game controllers
• Sports and leisure equipment
• Wireless audio
• PC peripherals
• Advanced toys

Product Description
The CC2400 is a true single-chip 2.4 GHz
RF transceiver designed for low-power
and low-voltage wireless applications. The
RF transceiver is integrated with a
baseband modem supporting data rates
up to 1 Mbps.
The CC2400 is a low-cost, highly integrated
solution enabling robust wireless
communication in the 2.4 - 2.4835 GHz
unlicensed ISM band. It is intended for
systems compliant with world-wide
regulations covered by EN 300 440
(Europe), CFR47 Part 15 (US) and ARIB
STD-T66 (Japan).
Targeting a wide range of applications at
2.4 GHz, the CC2400 supports over-the-air
data rates of 10 kbps, 250 kbps and
1 Mbps without requiring any modifications
to the hardware.
The CC2400 provides extensive hardware
support for packet handling, data
buffering, burst transmissions, data coding
and error detection reducing the workload
on the host microcontroller.
The main operating parameters of CC2400
can be programmed via an SPI-bus. In a
typical system CC2400 will be used
together with a microcontroller and a few
external, passive components.
CC2400 is based on Chipcon’s SmartRF®-
03 technology in 0.18 μm CMOS.

Key Features
• True single-chip 2.4 GHz RF
transceiver with baseband modem
• 10 kbps, 250 kbps and 1 Mbps overthe-
air data rates
• Low current consumption (RX: 24 mA)
• Low core supply voltage (1.8 V)
• Programmable output power
• No external RF switch / filter needed
• I/Q low-IF receiver
• I/Q direct up-conversion transmitter
• Few external components
• FIFO allows bursting of data
• Packet handling hardware
• Data buffering
• Digital RSSI output
• Small size (QFN 48 package), 7x7 mm
• Reference design complies with EN
300 328, EN 300 440, FCC CFR47 part
15 and ARIB STD-T66
• Powerful and flexible development
tools available
• Easy-to-use software for generating the
CC2400 configuration data




Similar Part No. - CC2400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
CC2400 TI1-CC2400 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
logo
Mobile Mark, Inc.
CC2400 MOBILEMARK-CC2400 Datasheet
325Kb / 1P
WIDE BAND COUPLER/STACKER
Rev 2 RA 05/2023
logo
Texas Instruments
CC2400-RTB1 TI-CC2400-RTB1 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
More results


Similar Description - CC2400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT2577 ETC-BT2577 Datasheet
311Kb / 4P
2.4 GHZ RF TRANSCEIVER
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
RF Monolithics, Inc
TRC104 RFM-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
logo
Texas Instruments
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
TRC104 MURATA-TRC104 Datasheet
1,023Kb / 33P
2.4 GHz RF Transceiver
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Texas Instruments
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com