Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP23Y125.000000K Datasheet (PDF) - Renesas Technology Corp

XFP23Y125.000000K Datasheet PDF - Renesas Technology Corp
Part # XFP23Y125.000000K
Download  XFP23Y125.000000K Download
File Size   903.44 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators

XFP23Y125.000000K Datasheet (PDF)

Go To PDF Page Download Datasheet
XFP23Y125.000000K Datasheet PDF - Renesas Technology Corp

Part # XFP23Y125.000000K
Download  XFP23Y125.000000K Click to download

File Size   903.44 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators

XFP23Y125.000000K Datasheet (HTML) - Renesas Technology Corp


XFP23Y125.000000K Product details

Description
The XF devices are ultra-low phase noise quartz-based PLL oscillators supporting a large range of frequencies and output interface types. These devices are designed to operate at three different power supplies with several pinout configurations, as well as two operational temperature ranges.
The XF devices can be programmed to generate an output frequency from 15MHz to 2100MHz with a resolution as low as 1Hz accuracy. The configuration capability of this family of devices allows for fast delivery times for both sample and large production orders.
Parts are for one time programming (OTP) at the factory for a fixed frequency application, or can be field programmable using I2C, based on system needs (see notes under Pin Descriptions).

Typical Applications
▪ FOM Gear Box
▪ Data centers
▪ 10G / 40G / 100G / 400G Ethernet

Features
▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, or 3.3V
▪ Phase jitter (12kHz to 20MHz): 120fs typical
▪ Package options:
• 5.0 × 3.2 mm
• 3.2 × 2.5 mm
• 2.5 × 2.0 mm
▪ Operating temperatures and frequency stability:
• -40°C to +85°C, ±25ppm
• -40°C to +105°C, ±50ppm




Similar Part No. - XFP23Y125.000000K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XFP235 RENESAS-XFP235 Datasheet
954Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
September 13, 2023
XFP236 RENESAS-XFP236 Datasheet
954Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
September 13, 2023
More results


Similar Description - XFP23Y125.000000K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com