Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8674 Datasheet (PDF) - Texas Instruments

LMP8674 Datasheet PDF - Texas Instruments
Part # LMP8674
Download  LMP8674 Download
File Size   471.02 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single, Dual, and Quad 40V Low Noise Precision Amplifiers

LMP8674 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP8674 Datasheet PDF - Texas Instruments

Part # LMP8674
Download  LMP8674 Click to download

File Size   471.02 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single, Dual, and Quad 40V Low Noise Precision Amplifiers

LMP8674 Datasheet (HTML) - Texas Instruments


LMP8674 Product details

1FEATURES
2• Output Short Circuit Protection
• PSRR and CMRR Exceed 110dB
• Best in Class Linearity (135dB)

APPLICATIONS
• Low Noise Industrial Applications Including
Test, Measurement, and Ultrasound
• Precision Active Filters
• PLL Filters
• 4-20mA Current Loops
• Motor Control

KEY SPECIFICATIONS
• Input Offset Voltage 0.4mV
• TC V OS 2μV/°C (max)
• Power Supply Voltage Range ±2.5V to ±20V
• Voltage Noise Density 2.5nV/√Hz
• Slew Rate ±20V/μs
• Gain Bandwidth Product 55MHz
• Open Loop Gain 135dB
• Input Bias Current 10nA

DESCRIPTION
The LMP8671/2/4 combines great precision, low
noise and a large operating voltage range to provide
a high SNR and a wide dynamic range. Its AC
performance allows it to be used over a wide
frequency without degradation. It is the ideal choice
for applications requiring DC precision and low noise
such as precision PLL filters, multi feedback and multi pole active filters, GPS receivers and precision
control loop systems. The LMP8671/2/4 offers an
extremely high open loop gain of 135dB, low voltage
noise density (2.5nV/√Hz), and a superb linearity of
0.000009%. These characteristics drastically reduce
gain error which is a challenge in accurate systems
requiring higher gains such as data acquisition
systems.
To ensure that the most challenging loads are driven
without compromise, the LMP8671/2/4 has a high
slew rate of ±20V/μs and an output current capability
of ±26mA.
The LMP8671/2 family of high-voltage amplifiers are
available in SOIC-8, the LMP8674 in SOIC-14.




Similar Part No. - LMP8674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8674 TI1-LMP8674 Datasheet
390Kb / 14P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
LMP8674 TI-LMP8674 Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
LMP8674MA/NOPB TI-LMP8674MA/NOPB Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
LMP8674MAX/NOPB TI-LMP8674MAX/NOPB Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
More results


Similar Description - LMP8674

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
logo
Texas Instruments
LMP8671 TI1-LMP8671 Datasheet
390Kb / 14P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
LMP8672 TI-LMP8672_15 Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
logo
Texas Instruments
LMP8671 TI-LMP8671_15 Datasheet
785Kb / 16P
Single, Dual, and Quad 40V Low Noise Precision Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com