Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

95.15.2 Datasheet (PDF) - Finder Relays, Inc.

95.15.2 Datasheet PDF - Finder Relays, Inc.
Part # 95.15.2
Download  95.15.2 Download
File Size   1902.07 Kbytes
Page   10 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Low profile PCB relays 8 - 12 - 16 A

95.15.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
95.15.2 Datasheet PDF - Finder Relays, Inc.

Part # 95.15.2
Download  95.15.2 Click to download

File Size   1902.07 Kbytes
Page   10 Pages
Manufacturer  FINDER [Finder Relays, Inc.]
Direct Link  https://www.findernet.com/en/uk
Logo FINDER - Finder Relays, Inc.
Description Low profile PCB relays 8 - 12 - 16 A

95.15.2 Datasheet (HTML) - Finder Relays, Inc.




Similar Part No. - 95.15.2

ManufacturerPart #DatasheetDescription
logo
Wieland Electric GmbH.
95.101.0800.0 WIELAND-95.101.0800.0 Datasheet
808Kb / 4P
Accessories
95.101.1300.0 WIELAND-95.101.1300.0 Datasheet
808Kb / 4P
Accessories
More results


Similar Description - 95.15.2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Tyco Electronics
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Panasonic Battery Group
SF-Y PANASONICBATTERY-SF-Y Datasheet
194Kb / 1P
Low-Profile Safety Relays
logo
Willow Technologies Ltd
SERIESF WILLOW-SERIESF Datasheet
1Mb / 2P
Low Profile PCB Relays
logo
PHOENIX CONTACT
3200425 PHOENIX-3200425 Datasheet
75Kb / 3P
A 16 -12
logo
Schneider Electric
LR2K0322 SCHNEIDER-LR2K0322 Datasheet
67Kb / 3P
TeSys K - differential thermal overload relays - 12...16 A - class 10A
Apr 30, 2021
logo
List of Unclassifed Man...
41-SERIES ETC1-41-SERIES Datasheet
923Kb / 10P
Low profile PCB relays 8 - 12 - 16 A
logo
Tyco Electronics
VKP-15H42 MACOM-VKP-15H42 Datasheet
228Kb / 6P
PCB Relays Single Relays
Revised 6-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com