Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET2804TLPY Datasheet (PDF) - Texas Instruments

ONET2804TLPY Datasheet PDF - Texas Instruments
Part # ONET2804TLPY
Download  ONET2804TLPY Download
File Size   717.52 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ONET2804TLP Low-Power, 28-Gbps, 4-Channel Limiting TIA

ONET2804TLPY Datasheet (PDF)

Go To PDF Page Download Datasheet
ONET2804TLPY Datasheet PDF - Texas Instruments

Part # ONET2804TLPY
Download  ONET2804TLPY Click to download

File Size   717.52 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ONET2804TLP Low-Power, 28-Gbps, 4-Channel Limiting TIA

ONET2804TLPY Datasheet (HTML) - Texas Instruments


ONET2804TLPY Product details

1 Features
1• 4-Channel Multi-Rate Operation: Up to 28 Gbps
• Dissipation at a 3-V Supply: 90 mW per Channel
• Differential Transimpedance: 7.5 kΩ
• Bandwidth: 17.5 GHz
• Input-Referred Noise: 2 μArms
• Input Overload Current: 3.2 mAPP
• Programmable Output Voltage
• Adjustable Gain and Bandwidth
• Received Signal Strength Indicator (RSSI) for
Each Channel
• Isolation Between Channels (Die Only): 40 dB
• Single Supply: 2.8 V to 3.3 V
• Pad Control or 2-Wire Control
• On-Chip Filter Capacitors
• –40°C to +100°C Operation
• Die Size: 3250 μm × 1450 μm, 750-μm Channel
Pitch

2 Applications
• 100 Gigabit Ethernet Optical Receivers
• ITU OTL4.4
• CFP2, CFP4, and QSFP28 Modules with Internal
Retiming

3 Description
The ONET2804TLP device is a high-gain, limiting
transimpedance amplifier (TIA) for parallel optical
interconnects with data rates up to 28 Gbps. The
device is used in conjunction with a 750-μm pitch
photodiode array to convert an optical signal into a
differential output voltage. An internal circuit provides
the photodiode reverse bias voltage and senses the
average photocurrent supplied to each photodiode.
The device can be used with pin control or a two-wire
serial interface to allow control of the output
amplitude, gain, bandwidth, and input threshold.
The ONET2804TLP provides 17.5-GHz bandwidth, a
gain of 7.5 kΩ, an input-referred noise of 2 μArms, and
a received signal strength indicator (RSSI) for each
channel. 40-dB isolation between channels results in
low crosstalk penalty in the receiver.
The device requires a single 2.8-V to 3.3-V supply
and typically dissipates 90 mW per channel with a
differential output amplitude of 300 mVPP. The device
is characterized for operation from –40°C to +100°C
and is available in die form with a 750-μm channel
pitch.




Similar Part No. - ONET2804TLPY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET2804TLPY TI1-ONET2804TLPY Datasheet
658Kb / 29P
Low-Power, 28-Gbps, 4-Channel Limiting TIA
More results


Similar Description - ONET2804TLPY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2820 AD-ADN2820 Datasheet
786Kb / 12P
10.7 Gbps, 3.3V, Low Noise, TIA with Average Power Moniter
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
2.5 Gbps PIN-TIA module
logo
M/A-COM Technology Solu...
02020-DSH-001-F MA-COM-02020-DSH-001-F Datasheet
300Kb / 15P
4 Gbps CMOS TIA with AGC
logo
Texas Instruments
DS280BR810 TI1-DS280BR810 Datasheet
890Kb / 11P
Low Power 28 Gbps 8 Channel Linear Repeater
DS280BR820 TI1-DS280BR820 Datasheet
633Kb / 8P
Low Power 28 Gbps 8 Channel Linear Repeater
ONET2804T TI1-ONET2804T Datasheet
518Kb / 6P
28 Gbps 4-Channel Limiting TIA
DS280MB810 TI1-DS280MB810 Datasheet
880Kb / 13P
Low Power 28 Gbps 8 Channel Linear Repeater
ONET2804TLP TI1-ONET2804TLP Datasheet
658Kb / 29P
Low-Power, 28-Gbps, 4-Channel Limiting TIA
logo
Integrated Device Techn...
HXT8204 IDT-HXT8204 Datasheet
253Kb / 2P
4 Channel 28 Gbps VCSEL Driver
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH Datasheet
772Kb / 8P
RECEIVER (Limiting TIA, with DCA function)
Sep 13, 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com