Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804Q Datasheet (PDF) - Texas Instruments

PCM1804Q Datasheet PDF - Texas Instruments
Part # PCM1804Q
Download  PCM1804Q Download
File Size   578.22 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER

PCM1804Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PCM1804Q Datasheet PDF - Texas Instruments

Part # PCM1804Q
Download  PCM1804Q Click to download

File Size   578.22 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER

PCM1804Q Datasheet (HTML) - Texas Instruments


PCM1804Q Product details

1FEATURES
23• Qualified for Automotive Applications
• AEC-Q100 Test Guidance With the Following
Results:
– Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C3B
• 24-Bit Delta-Sigma Stereo A/D Converter
• High Performance:
– Dynamic Range: 112 dB (Typical)
– SNR: 111 dB (Typical)
– THD+N: –102 dB (Typical)
• High-Performance Linear Phase Antialias
Digital Filter:
– Pass-Band Ripple: ±0.005 dB
– Stop-Band Attenuation: –100 dB
• Fully Differential Analog Input: ±2.5 V
• Audio Interface: Master- or Slave-Mode
Selectable
• Data Formats: Left-Justified, I2S, Standard 24-
Bit, and DSD
• Function:
– Peak Detection
– High-Pass Filter (HPF): –3 dB at 1 Hz,
fS = 48 kHz
• Sampling Rate up to 192 kHz
• System Clock: 128 fS, 256 fS, 384 fS,
512 fS, or 768 fS
• Dual Power Supplies:
– 5 V for Analog
– 3.3 V for Digital
• Power Dissipation: 225 mW
• Small 28-Pin SSOP
• DSD Output: 1 Bit, 64 fS

APPLICATIONS
• AV Amplifier
• MD Player
• Digital VTR
• Digital Mixer
• Digital Recorder

DESCRIPTION
The PCM1804-Q1 device is a high-performance,
single-chip stereo A/D converter with fully differential
analog voltage input which uses a precision delta-
sigma modulator and includes a linear-phase antialias
digital filter and high-pass filter (HPF) that removes
DC offset from the input signal. The PCM1804-Q1
device is suitable for a wide variety of mid- to high-
grade consumer and professional applications, where
excellent performance and 5-V analog supply and
3.3-V digital power-supply operation are required.
The PCM1804-Q1 device can achieve both PCM
audio and DSD format due to the precision delta-
sigma modulator. The PCM1804-Q1 device is
fabricated using an advanced CMOS process and is
available in a small 28-pin SSOP package.




Similar Part No. - PCM1804Q

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1804 TI1-PCM1804 Datasheet
611Kb / 36P
STEREO A/D CONVERTER
PCM1804 TI2-PCM1804 Datasheet
664Kb / 39P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
REVISED OCTOBER 2007
PCM1804-Q1 TI-PCM1804-Q1 Datasheet
854Kb / 36P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PCM1804-Q1 TI2-PCM1804-Q1 Datasheet
664Kb / 39P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
REVISED OCTOBER 2007
More results


Similar Description - PCM1804Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Texas Instruments
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1804-Q1 TI-PCM1804-Q1_15 Datasheet
854Kb / 36P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com