Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1804Q Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM1804Q
Description  FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1804Q Datasheet(HTML) 1 Page - Texas Instruments

  PCM1804Q Datasheet HTML 1Page - Texas Instruments PCM1804Q Datasheet HTML 2Page - Texas Instruments PCM1804Q Datasheet HTML 3Page - Texas Instruments PCM1804Q Datasheet HTML 4Page - Texas Instruments PCM1804Q Datasheet HTML 5Page - Texas Instruments PCM1804Q Datasheet HTML 6Page - Texas Instruments PCM1804Q Datasheet HTML 7Page - Texas Instruments PCM1804Q Datasheet HTML 8Page - Texas Instruments PCM1804Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PCM1804-Q1
www.ti.com
SLES271A – JUNE 2012 – REVISED AUGUST 2012
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz
STEREO A/D CONVERTER
Check for Samples: PCM1804-Q1
1
FEATURES
•
Dual Power Supplies:
–
5 V for Analog
23
•
Qualified for Automotive Applications
–
3.3 V for Digital
•
AEC-Q100 Test Guidance With the Following
Results:
•
Power Dissipation: 225 mW
–
Device Temperature Grade 3: –40°C to 85°C
•
Small 28-Pin SSOP
Ambient Operating Temperature Range
•
DSD Output: 1 Bit, 64 fS
–
Device HBM ESD Classification Level H2
APPLICATIONS
–
Device CDM ESD Classification Level C3B
•
24-Bit Delta-Sigma Stereo A/D Converter
•
AV Amplifier
•
High Performance:
•
MD Player
–
Dynamic Range: 112 dB (Typical)
•
Digital VTR
–
SNR: 111 dB (Typical)
•
Digital Mixer
–
THD+N: –102 dB (Typical)
•
Digital Recorder
•
High-Performance Linear Phase Antialias
DESCRIPTION
Digital Filter:
The PCM1804-Q1 device is a high-performance,
–
Pass-Band Ripple: ±0.005 dB
single-chip stereo A/D converter with fully differential
–
Stop-Band Attenuation: –100 dB
analog voltage input which uses a precision delta-
•
Fully Differential Analog Input: ±2.5 V
sigma modulator and includes a linear-phase antialias
digital filter and high-pass filter (HPF) that removes
•
Audio Interface: Master- or Slave-Mode
DC offset from the input signal. The PCM1804-Q1
Selectable
device is suitable for a wide variety of mid- to high-
•
Data Formats: Left-Justified, I2S, Standard 24-
grade consumer and professional applications, where
Bit, and DSD
excellent performance and 5-V analog supply and
3.3-V digital power-supply operation are required.
•
Function:
The PCM1804-Q1 device can achieve both PCM
–
Peak Detection
audio and DSD format due to the precision delta-
–
High-Pass Filter (HPF): –3 dB at 1 Hz,
sigma
modulator.
The
PCM1804-Q1
device
is
fS = 48 kHz
fabricated using an advanced CMOS process and is
available in a small 28-pin SSOP package.
•
Sampling Rate up to 192 kHz
•
System Clock: 128 fS, 256 fS, 384 fS,
512 fS, or 768 fS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1804Q

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1804 TI1-PCM1804 Datasheet
611Kb / 36P
STEREO A/D CONVERTER
PCM1804 TI2-PCM1804 Datasheet
664Kb / 39P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
REVISED OCTOBER 2007
PCM1804-Q1 TI-PCM1804-Q1 Datasheet
854Kb / 36P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PCM1804-Q1 TI2-PCM1804-Q1 Datasheet
664Kb / 39P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
REVISED OCTOBER 2007
More results

Similar Description - PCM1804Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1804 BURR-BROWN-PCM1804 Datasheet
470Kb / 31P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
logo
Texas Instruments
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Protek Devices
PA5134LV PROTEC-PA5134LV Datasheet
202Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144 PROTEC-PA5144 Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5144LV PROTEC-PA5144LV Datasheet
201Kb / 6P
24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
PA5240 PROTEC-PA5240 Datasheet
267Kb / 8P
24-Bit, 192 kHz Stereo A/D Converter for PCM Audio
logo
Texas Instruments
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1804-Q1 TI-PCM1804-Q1_15 Datasheet
854Kb / 36P
FULL DIFFERENTIAL ANALOG INPUT 24-BIT, 192-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com