Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC005N03LS5ATMA1 Datasheet (PDF) - Infineon Technologies AG

BSC005N03LS5ATMA1 Datasheet PDF - Infineon Technologies AG
Part # BSC005N03LS5ATMA1
Download  BSC005N03LS5ATMA1 Download
File Size   1482.96 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM5Power-Transistor,30V

BSC005N03LS5ATMA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BSC005N03LS5ATMA1 Datasheet PDF - Infineon Technologies AG

Part # BSC005N03LS5ATMA1
Download  BSC005N03LS5ATMA1 Click to download

File Size   1482.96 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOSTM5Power-Transistor,30V

BSC005N03LS5ATMA1 Datasheet (HTML) - Infineon Technologies AG


BSC005N03LS5ATMA1 Product details

Features
•Verylowon-resistanceRDS(on)@VGS=4.5V
•Optimizedchargesforfastswitching
•OptimizedQGD/QGSforinducedturnonruggedness
•Superiorthermalresistance
•N-channel
•100%avalanchetested
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21




Similar Part No. - BSC005N03LS5ATMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC005N03LS5ATMA1 INFINEON-BSC005N03LS5ATMA1 Datasheet
1Mb / 12P
MOSFET OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.0, 2020-04-16
More results


Similar Description - BSC005N03LS5ATMA1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
Medium power transistor (30V, 0.5A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
Power transistor (30V, 2A)
2SC5730K ROHM-2SC5730K Datasheet
59Kb / 4P
Medium power transistor (30V, 1A)
2SB1714 ROHM-2SB1714 Datasheet
102Kb / 3P
-2A / -30V Bipolar transistor
2SD2679 ROHM-2SD2679 Datasheet
101Kb / 3P
2A / 30V Bipolar transistor
2SAR542PFRA ROHM-2SAR542PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -5A)
2SAR552PFRA ROHM-2SAR552PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -3A)
2SAR572D3 ROHM-2SAR572D3 Datasheet
1Mb / 11P
PNP -5.0A -30V Power Transistor
2SCR512PFRA ROHM-2SCR512PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 2A)
2SAR572D3FRA ROHM-2SAR572D3FRA Datasheet
1Mb / 10P
PNP -5.0A -30V Power Transistor
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com