Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA211230 Datasheet (PDF) - Renesas Technology Corp

RAA211230 Datasheet PDF - Renesas Technology Corp
Part # RAA211230
Download  RAA211230 Download
File Size   4072.81 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V 3A Integrated Switching Regulator

RAA211230 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211230 Datasheet PDF - Renesas Technology Corp

Part # RAA211230
Download  RAA211230 Click to download

File Size   4072.81 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V 3A Integrated Switching Regulator

RAA211230 Datasheet (HTML) - Renesas Technology Corp


RAA211230 Product details

▪ 4.5V to 24V input supply range
▪ Up to 3A output current
▪ Integrated high-side (85mΩ) and low-side (45mΩ)
MOSFETs
▪ 400μA quiescent current
▪ Minimum on-time of 60ns
▪ Minimum off-time of 275ns
▪ 0.765V reference voltage with 2% accuracy
▪ PFM mode under light load condition
▪ Current mode Constant On-Time (COT) control
with internal compensation
▪ Internal 0.8ms soft-start time
▪ Protection: Low-Side Overcurrent (LSOC) limit,
input Undervoltage Lockout (UVLO),
Over-Temperature Protection (OTP), Output
Undervoltage Protection (OUVP) with Hiccup Mode
▪ Accurate EN threshold
▪ 6 LD TSOT23 package




Similar Part No. - RAA211230

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211233 RENESAS-RAA211233 Datasheet
2Mb / 23P
24V, 3A 1.4MHz Integrated Switching Regulator
Nov 14, 2023
RAA2112334GP3#JA0 RENESAS-RAA2112334GP3#JA0 Datasheet
2Mb / 23P
24V, 3A 1.4MHz Integrated Switching Regulator
Nov 14, 2023
More results


Similar Description - RAA211230

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1940 NTE-NTE1940 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 24V, 2A
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC4723 MICREL-MIC4723 Datasheet
520Kb / 19P
3A 2MHz Integrated Switch Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
3A / 52KHz Buck Switching Regulator
logo
Texas Instruments
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
INTEGRATED SWITCHING REGULATOR
PT7708-3.3V TI1-PT7708-3.3V Datasheet
760Kb / 4P
Integrated Switching Regulator
logo
Feeling Technology Corp...
FP6102 FEELING-FP6102 Datasheet
634Kb / 12P
20V, 3A Buck Switching Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com