Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA211233 Datasheet (PDF) - Renesas Technology Corp

RAA211233 Datasheet PDF - Renesas Technology Corp
Part # RAA211233
Download  RAA211233 Download
File Size   2711.83 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V, 3A 1.4MHz Integrated Switching Regulator

RAA211233 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA211233 Datasheet PDF - Renesas Technology Corp

Part # RAA211233
Download  RAA211233 Click to download

File Size   2711.83 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 24V, 3A 1.4MHz Integrated Switching Regulator

RAA211233 Datasheet (HTML) - Renesas Technology Corp


RAA211233 Product details

▪ 4.5V to 24V input supply range
▪ Up to 3A output current
▪ Integrated high-side (85mΩ) and low-side (45mΩ)
MOSFETs
▪ 1.4MHz switching frequency
▪ 400μA quiescent current
▪ Minimum on-time of 66ns
▪ Minimum off-time of 250ns
▪ 0.6V reference voltage with 2% accuracy
▪ PFM mode under light-load condition
▪ Current mode Constant On-Time (COT) control
with internal compensation
▪ Internal 1.2ms soft-start time
▪ Protection: Low-Side Overcurrent (LSOC) limit,
input Undervoltage Lockout (UVLO),
Over-Temperature Protection (OTP), Output
Undervoltage Protection (OUVP) with Hiccup Mode
▪ Accurate EN threshold
▪ 6 LD TSOT23 package




Similar Part No. - RAA211233

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA211230 RENESAS-RAA211230 Datasheet
3Mb / 24P
24V 3A Integrated Switching Regulator
Oct 17, 2023
RAA2112304GP3#JA0 RENESAS-RAA2112304GP3#JA0 Datasheet
3Mb / 24P
24V 3A Integrated Switching Regulator
Oct 17, 2023
More results


Similar Description - RAA211233

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
Linear Technology
LT1611 LINER-LT1611 Datasheet
263Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
3A, 24V Input Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
1.8A, 24V, 1.4MHz Step-Down Converter
logo
Linear Technology
LT1611 LINER-LT1611_15 Datasheet
270Kb / 12P
Inverting 1.4MHz Switching Regulator in SOT-23
logo
Fitipower Integrated Te...
FR9765 FITIPOWER-FR9765 Datasheet
567Kb / 11P
24V, 3A, 1.4MHz Asynchronous Step-Down DC/DC Converter
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
2A, 24V, 1.4MHz STEP-DOWN CONVERTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com