Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet (PDF) - STMicroelectronics

STM32F207ICH7 Datasheet PDF - STMicroelectronics
Part # STM32F207ICH7
Download  STM32F207ICH7 Download
File Size   2852.06 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

STM32F207ICH7 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F207ICH7 Datasheet PDF - STMicroelectronics

Part # STM32F207ICH7
Download  STM32F207ICH7 Click to download

File Size   2852.06 Kbytes
Page   184 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

STM32F207ICH7 Datasheet (HTML) - STMicroelectronics


STM32F207ICH7 Product details

Features
• Core: ARM® 32-bit Cortex®-M3 CPU (120 MHz
max) with Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
performance from Flash memory, MPU,
150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1)
• Memories
– Up to 1 Mbyte of Flash memory
– 512 bytes of OTP memory
– Up to 128 + 4 Kbytes of SRAM
– Flexible static memory controller that
supports Compact Flash, SRAM, PSRAM,
NOR and NAND memories
– LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
– From 1.8 to 3.6 V application supply + I/Os
– POR, PDR, PVD and BOR
– 4 to 26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power modes
– Sleep, Stop and Standby modes
– VBAT supply for RTC, 20 × 32 bit backup
registers, and optional 4 KB backup SRAM
• 3 × 12-bit, 0.5 μs ADCs with up to 24 channels
and up to 6 MSPS in triple interleaved mode
• 2 × 12-bit D/A converters
• General-purpose DMA: 16-stream controller
with centralized FIFOs and burst support
• Up to 17 timers
– Up to twelve 16-bit and two 32-bit timers,
up to 120 MHz, each with up to four
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
• Debug mode: Serial wire debug (SWD), JTAG,
and Cortex®-M3 Embedded Trace Macrocell™
• Up to 140 I/O ports with interrupt capability:
– Up to 136 fast I/Os up to 60 MHz
– Up to 138 5 V-tolerant I/Os
• Up to 15 communication interfaces
– Up to 3 × I2C interfaces (SMBus/PMBus)
– Up to four USARTs and two UARTs
(7.5 Mbit/s, ISO 7816 interface, LIN, IrDA,
modem control)
– Up to three SPIs (30 Mbit/s), two with
muxed I2S to achieve audio class accuracy
via audio PLL or external PLL
– 2 × CAN interfaces (2.0B Active)
– SDIO interface
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and ULPI
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface
(48 Mbyte/s max.)
• CRC calculation unit
• 96-bit unique ID




Similar Part No. - STM32F207ICH7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F207ICH6 ETC2-STM32F207ICH6 Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results


Similar Description - STM32F207ICH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
1Mb / 154P
USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
20-Dec-2011
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
29-Oct-2012
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Jun-2011
logo
List of Unclassifed Man...
STM32F205RFT6 ETC2-STM32F205RFT6 Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
logo
STMicroelectronics
STM32F405 STMICROELECTRONICS-STM32F405 Datasheet
5Mb / 204P
Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Aug-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com