Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F207ICH7 Datasheet HTML 1Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 2Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 3Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 4Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 5Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 6Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 7Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 8Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 184 page
background image
This is information on a product in full production.
August 2016
DocID15818 Rev 15
1/184
STM32F205xx
STM32F207xx
ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128+4KB RAM, USB
OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M3 CPU (120 MHz
max) with Adaptive real-time accelerator (ART
Accelerator™) allowing 0-wait state execution
performance from Flash memory, MPU,
150 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1)
• Memories
– Up to 1 Mbyte of Flash memory
– 512 bytes of OTP memory
– Up to 128 + 4 Kbytes of SRAM
– Flexible static memory controller that
supports Compact Flash, SRAM, PSRAM,
NOR and NAND memories
– LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
– From 1.8 to 3.6 V application supply + I/Os
– POR, PDR, PVD and BOR
– 4 to 26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power modes
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 20 × 32 bit backup
registers, and optional 4 KB backup SRAM
• 3 × 12-bit, 0.5 µs ADCs with up to 24 channels
and up to 6 MSPS in triple interleaved mode
• 2 × 12-bit D/A converters
• General-purpose DMA: 16-stream controller
with centralized FIFOs and burst support
• Up to 17 timers
– Up to twelve 16-bit and two 32-bit timers,
up to 120 MHz, each with up to four
IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
•
• Debug mode: Serial wire debug (SWD), JTAG,
and Cortex®-M3 Embedded Trace Macrocell™
• Up to 140 I/O ports with interrupt capability:
– Up to 136 fast I/Os up to 60 MHz
– Up to 138 5 V-tolerant I/Os
• Up to 15 communication interfaces
– Up to 3 × I2C interfaces (SMBus/PMBus)
– Up to four USARTs and two UARTs
(7.5 Mbit/s, ISO 7816 interface, LIN, IrDA,
modem control)
– Up to three SPIs (30 Mbit/s), two with
muxed I2S to achieve audio class accuracy
via audio PLL or external PLL
– 2 × CAN interfaces (2.0B Active)
– SDIO interface
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and ULPI
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface
(48 Mbyte/s max.)
• CRC calculation unit
• 96-bit unique ID
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP144 (20 × 20 mm)
LQFP176 (24 × 24 mm)
UFBGA176
(10 × 10 mm)
WLCSP64+2
(0.400 mm pitch)
www.st.com


Similar Part No. - STM32F207ICH7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STM32F207ICH6 ETC2-STM32F207ICH6 Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results

Similar Description - STM32F207ICH7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405XX STMICROELECTRONICS-STM32F405XX Datasheet
1Mb / 154P
USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
20-Dec-2011
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
29-Oct-2012
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Jun-2011
logo
List of Unclassifed Man...
STM32F205RFT6 ETC2-STM32F205RFT6 Datasheet
2Mb / 178P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
logo
STMicroelectronics
STM32F405 STMICROELECTRONICS-STM32F405 Datasheet
5Mb / 204P
Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com